Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC723481W Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC723481W
Description  Low-Voltage ETR-Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723481W Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC723481W Datasheet HTML 1Page - Sanyo Semicon Device LC723481W Datasheet HTML 2Page - Sanyo Semicon Device LC723481W Datasheet HTML 3Page - Sanyo Semicon Device LC723481W Datasheet HTML 4Page - Sanyo Semicon Device LC723481W Datasheet HTML 5Page - Sanyo Semicon Device LC723481W Datasheet HTML 6Page - Sanyo Semicon Device LC723481W Datasheet HTML 7Page - Sanyo Semicon Device LC723481W Datasheet HTML 8Page - Sanyo Semicon Device LC723481W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
No. 7253-3/15
LC723481W/2W/3W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +4.0
V
Input voltage
VIN
All input pins
–0.3 to VDD +0.3
V
Output voltage
VOUT(1)
AOUT, PE, TU
–0.3 to +15
V
VOUT(2)
All output pins except VOUT(1)
–0.3 to VDD + 0.3
V
IOUT(1)
PC, PD, PG, PH, EO
0 to 3
mA
IOUT(2)
PB
0 to 1
mA
Output current
IOUT(3)
AOUT, PE, TU
0 to 2
mA
IOUT(4)
S1 to S20
300
µA
IOUT(5)
COM1 to COM4
3
mA
Allowable power dissipation
Pdmax
Ta = –20 to +70°C
300
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–45 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD(1)
PLL operating voltage
1.8
3.0
3.6
Supply voltage
VDD(2)
Memory retention voltage
1.0
V
VDD(3)
CPU operating voltage
1.4
3.0
3.6
VDD(4)
A/D converter operating voltage
1.6
3.0
3.6
VIH(1)
Input ports other than VIH(2), VIH(3), AMIN,
0.7 VDD
VDD
V
Input high-level voltage
FMIN, HCTR, and XIN
VIH(2)
BRES port
0.8 VDD
VDD
V
VIH(3)
Port PF
0.6 VDD
VDD
V
VIL(1)
Input ports other than VIL(2), VIL(3), AMIN,
0
0.3 VDD
V
Input low-level voltage
FMIN, HCTR, and XIN
VIL(2)
BRES port
0
0.2 VDD
V
VIL(3)
Port PF
0
0.2 VDD
V
VIN(1)
XIN
0.5
0.6
Vrms
Input amplitude
VIN(2)
FMIN, AMIN
0.035
0.35
Vrms
VIN(3)
FMIN
0.05
0.35
Vrms
VIN(4)
HCTR
0.035
0.35
Vrms
Input voltage range
VIN(5)
ADIO, ADI1, ADI3
0
VDD
V
FIN(1)
XIN: CI
≤ 35 kΩ
70
75
80
kHz
FIN(2)
FMIN: VIN(2), VDD(1)
10
130
MHz
Input frequency
FIN(3)
FMIN: VIN(3), VDD(1)
130
250
MHz
FIN(4)
AMIN(H): VIN(2), VDD(1)
2
40
MHz
FIN(5)
AMIN(L): VIN(2), VDD(1)
0.5
10
MHz
FIN(6)
HCTR: VIN(4), VDD(1)
0.4
12
MHz
Allowable Operating Ranges at Ta = –20 to +70°C, VDD = 1.8 to 3.6 V


Similar Part No. - LC723481W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72348W SANYO-LC72348W Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
More results

Similar Description - LC723481W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com