Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82A822R Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82A822R
Description  USB Speaker OTP MCU
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A822R Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82A822R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82A822R Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
HT82A822R
Rev. 1.00
10
July 21, 2006
Oscillator Configuration
There is an oscillator circuit in the microcontroller.
This oscillator is designed for system clocks. The HALT
mode stops the system oscillator and ignores an exter-
nal signal to conserve power.
A crystal across OSCI and OSCO is needed to provide
the feedback and phase shift required for the oscillator.
No other external components are required. Instead of a
crystal, a resonator can also be connected between
OSCI and OSCO to get a frequency reference, but two
external capacitors in OSCI and OSCO are required.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters the power down mode, the system
clock is stopped, but the WDT oscillator still works. The
WDT oscillator can be disabled by ROM code option to
conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or a instruction clock (sys-
tem clock/4). The timer is designed to prevent a soft-
ware malfunction or sequence from jumping to an
unknown location with unpredictable results. The WDT
can be disabled by options. But if the WDT is disabled,
all executions related to the WDT lead to no operation.
When the WDT clock source is selected, it will be first di-
vided by 256 (8-stage) to get the nominal time-out pe-
riod. By invoking the WDT prescaler, longer time-out
periods can be realized. Writing data to WS2, WS1,
WS0 can give different time-out periods.
The WDT OSC period is typical 65
ms. This time-out pe-
riod may vary with temperature, VDD and process varia-
tions. The WDT OSC always works for any operation
mode.
If the instruction clock is selected as the WDT clock
source, the WDT operates in the same manner except in
the halt mode. In the mode, the WDT stops counting and
lose its protecting purpose. In this situation the logic can
only be re-started by external logic. The high nibble and
bit3 of the WDTS are reserved for user defined flags,
which can be used to indicate some specified status.
The WDT overflow under normal operation initializes a
²chip reset² and sets the status bit ²TO². In the HALT
mode, the overflow initializes a
²warm reset², and only
the PC and SP are reset to zero. To clear the contents of
the WDT, there are three methods to be adopted, i.e.,
external reset (a low level to RESET), software instruc-
tion, and a
²HALT² instruction. There are two types of
software instructions;
²CLR WDT² and the other set
²CLR WDT1² and ²CLR WDT2². Of these two types of
instruction, only one type of instruction can be active at a
time depending on the options
²CLR WDT² times selec-
tion option. If the
²CLR WDT² is selected (i.e., CLR WDT
times equal one), any execution of the
²CLR WDT² in-
struction clears the WDT. In the case that
²CLR WDT1²
and
²CLR WDT2² are chosen (i.e., CLR WDT times
equal two), these two instructions have to be executed
to clear the WDT; otherwise, the WDT may reset the
chip due to time-out.
C r y s t a l O s c i l l a t o r
O S C O
O S C I
System Oscillator
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
M a s k
O p t i o n
S e l e c t
W D T O S C
Watchdog Timer
Bit No.
Label
Function
0
1
2
WS0
WS1
WS2
Watchdog Timer division ratio selection bits
Bit 2,1,0 = 000, division ratio = 1:1
Bit 2,1,0 = 001, division ratio = 1:2
Bit 2,1,0 = 010, division ratio = 1:4
Bit 2,1,0 = 011, division ratio = 1:8
Bit 2,1,0 = 100, division ratio = 1:16
Bit 2,1,0 = 101, division ratio = 1:32
Bit 2,1,0 = 110, division ratio = 1:64
Bit 2,1,0 = 111, division ratio = 1:128
3
¾
Unused bit, read as
²0²
7~4
T3~T0
Test mode setting bits
(T3, T2, T1, T0)=(0, 1, 0, 1), enter DAC write mode. Otherwise normal operation.
WDTS (09H) Register


Similar Part No. - HT82A822R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A822R HOLTEK-HT82A822R Datasheet
297Kb / 39P
   USB Audio MCU
HT82A822R HOLTEK-HT82A822R_07 Datasheet
297Kb / 39P
   USB Audio MCU
More results

Similar Description - HT82A822R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A821R HOLTEK-HT82A821R Datasheet
297Kb / 41P
   Basic USB Speaker OTP MCU
HT82A832R HOLTEK-HT82A832R Datasheet
394Kb / 51P
   Basic USB Phone OTP MCU
HT48RB8 HOLTEK-HT48RB8 Datasheet
281Kb / 45P
   8-Bit USB Type OTP MCU
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
HT82J97E HOLTEK-HT82J97E Datasheet
314Kb / 46P
   USB Joystick Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82D40REW HOLTEK-HT82D40REW Datasheet
955Kb / 104P
   2.4GHz Transceiver USB Interface 8-Bit OTP MCU
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com