Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82A832R Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82A832R
Description  Basic USB Phone OTP MCU
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A832R Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82A832R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A832R Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
5V
¾
4.0
5.0
5.5
V
IDD
Operating Current
5V
No load, fSYS=12MHz,
ADC On, DAC On
¾
12
¾
mA
5V
No load, fSYS=12MHz,
ADC Off, DAC Off
¾
8
¾
mA
ISUS
Suspend Current
5V
No load, system HALT,
USB transceiver and 3.3V
regulator on
¾
330
¾mA
VIL1
Input Low Voltage for I/O Ports
5V
¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
5V
¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RESET)5V
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RESET)5V
¾
0.9VDD
¾
VDD
V
IOL
I/O Port Sink Current
5V
VOL=0.1VDD
¾
5
¾
mA
IOH
I/O Port Source Current
5V
VOH=0.7VDD
¾-5
¾
mA
RPH
Pull-high Resistance
5V
¾
30
40
80
k
W
VLVR
Low Voltage Reset
5V
¾
2.7
3.0
3.3
V
VV33O
3.3V Regulator Output
5V
IV33O=
-5mA
3.0
3.3
3.6
V
DAC+Power Amp:
Test condition: Measurement bandwidth 20Hz to 20kHz, fS= 48kHz. Line output series capacitor with 220
mF.
THD+N
THD+N
Note1
5V
4
W load
¾-30
¾
dB
8
W load
¾-35
¾
SNRDA
Signal to Noise Ratio
Note1
5V
4
W load
¾
81
¾
dB
8
W load
¾
82
¾
DR
Dynamic Range
5V
4
W load
¾
87
¾
dB
8
W load
¾
88
¾
POUT
Output Power
5V
4
W load, THD=10%
¾
400
¾
mW/ch
8
W load, THD=10%
¾
200
¾
PCM ADC
SNRAD
Signal to Noise Ratio
5V
¾¾
77
¾
dB
VAG
Reference Voltage
5V
¾¾
2
¾
V
VPEAK
Peak Single Frequency Tone
Amplitude without Clipping
5V
¾¾
1.575
¾
VPK
Note.1: Sine wave input at 1kHz,
-6dB
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC)
5V
¾
0.4
¾
12
MHz
tWDTOSC Watchdog Oscillator Period
5V
¾¾
100
¾ms
tRES
RESET Input Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾¾
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: tSYS=1/fSYS
HT82A832R
Rev. 1.00
5
July 18, 2006


Similar Part No. - HT82A832R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A832R HOLTEK-HT82A832R Datasheet
377Kb / 51P
   USB Audio MCU
HT82A832R HOLTEK-HT82A832R_07 Datasheet
377Kb / 51P
   USB Audio MCU
More results

Similar Description - HT82A832R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A821R HOLTEK-HT82A821R Datasheet
297Kb / 41P
   Basic USB Speaker OTP MCU
HT82A822R HOLTEK-HT82A822R Datasheet
305Kb / 41P
   USB Speaker OTP MCU
HT48RB8 HOLTEK-HT48RB8 Datasheet
281Kb / 45P
   8-Bit USB Type OTP MCU
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
HT82J97E HOLTEK-HT82J97E Datasheet
314Kb / 46P
   USB Joystick Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82D40REW HOLTEK-HT82D40REW Datasheet
955Kb / 104P
   2.4GHz Transceiver USB Interface 8-Bit OTP MCU
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com