Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65820RSHR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65820RSHR
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65820RSHR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65820RSHR Datasheet HTML 2Page - Texas Instruments TPS65820RSHR Datasheet HTML 3Page - Texas Instruments TPS65820RSHR Datasheet HTML 4Page - Texas Instruments TPS65820RSHR Datasheet HTML 5Page - Texas Instruments TPS65820RSHR Datasheet HTML 6Page - Texas Instruments TPS65820RSHR Datasheet HTML 7Page - Texas Instruments TPS65820RSHR Datasheet HTML 8Page - Texas Instruments TPS65820RSHR Datasheet HTML 9Page - Texas Instruments TPS65820RSHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – I2C INTERFACE
tsu(STOP)
t(BUF)
STOP
START
1
9
8
7
3
2
1
9
8
7
3
2
ACK
ACK
SCL
SCL
SDA
SDA
tsu(STA)
START
tr
STOP
th(STA)
th(DAT)
tsu(DAT)
SCL
SDA
tw(H)
tw(L)
tf
tr
tf
th(DAT)
TPS65820
SLVS663 – MAY 2006
Over recommended operating conditions (typical values at T
J = 25°C), application circuit as in figure (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I2C TIMING CHARACTERISTICS
tR
SCLK/SDATA rise time
300
tF
SCLK/SDATA fall time
300
ns
tW(H)
SCLK pulse width high
600
tW(L)
SCLK Pulse Width Low
1.3
µs
tSU(STA)
Setup time for START condition
600
tH(STA)
START condition hold time after which first clock pulse is generated
600
tSU(DAT)
Data setup time
100
ns
tH(DAT)
Data hold time
0
tSU(STOP)
Setup time for STOP condition
600
t(BUF)
Bus free time between START and STOP condition
1.3
µs
FSCL
Clock Frequency
400
kHz
I2C INTERFACE LOGIC LEVELS
VIH
High level input voltage
1.3
6
V
VIL
Low level input voltage
0
0.6
IH
Input bias current
0.01
µA
Figure 2. I2C Timing
6
Submit Documentation Feedback


Similar Part No. - TPS65820RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65800 TI-TPS65800 Datasheet
232Kb / 3P
[Old version datasheet]   INTEGRATED SINGLE-CELL LITHIUM-ION BATTERY-AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQ TI-TPS65800RTQ Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQR TI-TPS65800RTQR Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800RTQRG4 TI-TPS65800RTQRG4 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Similar Description - TPS65820RSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com