Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5114 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT5114
Description  Catalyst Semiconductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5114 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT5114 Datasheet HTML 5Page - Catalyst Semiconductor CAT5114 Datasheet HTML 6Page - Catalyst Semiconductor CAT5114 Datasheet HTML 7Page - Catalyst Semiconductor CAT5114 Datasheet HTML 8Page - Catalyst Semiconductor CAT5114 Datasheet HTML 9Page - Catalyst Semiconductor CAT5114 Datasheet HTML 10Page - Catalyst Semiconductor CAT5114 Datasheet HTML 11Page - Catalyst Semiconductor CAT5114 Datasheet HTML 12Page - Catalyst Semiconductor CAT5114 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
Features
regulated output voltage
(5V fixed CAT3200-5,adjustable CAT3200)
100 mA output current
fixed high operating frequency at 2 MHz
input voltage operation down to 2.7 V
low quiescent current (1.7 mA typ)
low value external capacitors (1 µF)
low output ripple voltage, typical 30mV @ COUT = 1 µF
shutdown current less than 1 µA
foldback current overload protection
soft start,slew rate control
thermal overload shutdown protection
Package Information
CAT3200 in MSOP-8
CAT3200-5 in low profile (1mm thin) 6-lead TSOT23
pin compatible with LTC3200 and LTC3200-5
CAT661
100mA CMOS Charge Pump Inverter/Doubler
CAT3200/CAT3200-5
Low Noise Regulated Charge Pump DC-DC Converter
d c - d c c o n v e r t e r s
CAT3200-5
CNEG
CPOS
IN
OUT
ON OFF
SHDN
GND
+
-
5V Output
3.3V
CAT3200
CNEG
CPOS
IN
OUT
ON OFF
SHDN
GND
+
-
3.3V
VIN
5V
100mA
VOUT
VOUT = 5V
IOUT ≤ 50mA, for VIN ≥ 2.8V
IOUT ≤ 90mA, for VIN ≥ 3V
Adjustable Output
VIN
FB
R2
R1
100mA
VOUT
VOUT = 1.27 1+
( R2
R1
Features
converts V+ to V- or V+ to 2V+
high power efficiency
industrial temperature range
low output resistance,4
Ω typical
low quiescent current
pin-compatible,high-current alternative to 7660/1044
selectable charge pump frequency
- 25kHz or 135kHz
- enables optimum external capacitors
Package Information
8-pin SOIC,DIP and 0.8mm thin 8-pad TDFN
pin compatible with MAX660,LTC660 and LM2660
8
7
6
5
1
2
3
4
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
+VIN
1.5V to 5.5V
Inverted
Negative
Voltage
Output
+
VOLTAGE INVERTER
C1
8
7
6
5
1
2
3
4
Doubled
Positive
Voltage
Output
+
VIN = 2.5V to 5.5V
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
POSITIVE VOLTAGE DOUBLER
C1


Similar Part No. - CAT5114

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5114 CATALYST-CAT5114 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
More results

Similar Description - CAT5114

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
   Cisco Catalyst 9200 Series Switches
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
9130AX CISCO-9130AX Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
9124AX CISCO-9124AX Datasheet
2Mb / 23P
   Cisco Catalyst 9124AX Series Access Points
2023
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com