Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121583-0000 Datasheet(PDF) 2 Page - ITT Industries

Part # 121583-0000
Description  Cannon APD / DIN 72585 Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

121583-0000 Datasheet(HTML) 2 Page - ITT Industries

  121583-0000 Datasheet HTML 1Page - ITT Industries 121583-0000 Datasheet HTML 2Page - ITT Industries 121583-0000 Datasheet HTML 3Page - ITT Industries 121583-0000 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
18
Cannon APD / DIN 72585 Connectors
Plug, 37-way
37-way
Order No.
Designation
Code
Color
121583-0058
APD-1BS37
1
black (RAL 9005)
Socket Crimp-Contacts, Individual wire-seal, Wire filler, Flange gasket, see page 27.
Accessories, see page 41 and 42.
View on Mating Face
Note: Additional coding on demand.
Packaging unit 100 pcs.
Coding 37-way layout
4
1
9
15
22
28
33
37
34
29
23
16
10
5
1
34
33
28
22
15
5
4
9
10
23
29
37
ø5
0.8
ø49.4
32
1
34
29
23
10
5
4
9
15
28
33
37
Derating Curve
For a single contact under load.
1. Cable Size: 1,5 mm2
2. Cable Size: 0,75 mm2
3. Cable Size: 0,35 mm2


Similar Part No. - 121583-0000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 121583-0000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ISO15170 ITT-ISO15170 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
   APD Transportation Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com