Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLM20DD Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLM20DD
Description  Ultra-low Current 2.4V precision analog temperature sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20DD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLM20DD Datasheet HTML 7Page - STMicroelectronics STLM20DD Datasheet HTML 8Page - STMicroelectronics STLM20DD Datasheet HTML 9Page - STMicroelectronics STLM20DD Datasheet HTML 10Page - STMicroelectronics STLM20DD Datasheet HTML 11Page - STMicroelectronics STLM20DD Datasheet HTML 12Page - STMicroelectronics STLM20DD Datasheet HTML 13Page - STMicroelectronics STLM20DD Datasheet HTML 14Page - STMicroelectronics STLM20DD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STLM20
Capacitive load
11/17
5
Capacitive load
The STLM20 will handle capacitive loads of up to 300pF. Over the specified temperature
range, the STLM20 has a maximum output impedance of 160
Ω.
In a noisy environment, it may be advisable to add some filtering to minimize noise in the
output voltage. A 0.1µF capacitor added between the supply voltage and ground is
recommended.
In an extremely noisy environment, it may be necessary to add a low-pass filter network to
the output of the device. A 1µF capacitor, in addition to the output impedance of the device,
and a 200
Ω series resistor, will provide a low-pass filter that will pass the slow thermal time
constant of the STLM20, while filtering the higher frequency noise.
Figure 3.
Filter network for noisy environments or capacitive loads > 300pF
Table 7.
Resistor/capacitor combinations for the filter network
RFILTER
CFILTER
200
1µF
470
0.1µF
680
0.01µF
1000
1000pF
10k
100pF
100k
10pF
VCC
RFILTER
CFILTER
GND
0.1µF
Bypass Capacitor
VOUT
CL
AI12259
VCC
RFILTER
CFILTER
GND
0.1µF
Bypass Capacitor
VOUT
CL
AI12260


Similar Part No. - STLM20DD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLM20DD7F STMICROELECTRONICS-STLM20DD7F Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
STLM20DD9F STMICROELECTRONICS-STLM20DD9F Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
More results

Similar Description - STLM20DD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
logo
Silicon Microstructures...
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
logo
Texas Instruments
LMT70 TI-LMT70 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com