Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8202 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8202
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8202 Datasheet HTML 4Page - Analog Devices AD8202 Datasheet HTML 5Page - Analog Devices AD8202 Datasheet HTML 6Page - Analog Devices AD8202 Datasheet HTML 7Page - Analog Devices AD8202 Datasheet HTML 8Page - Analog Devices AD8202 Datasheet HTML 9Page - Analog Devices AD8202 Datasheet HTML 10Page - Analog Devices AD8202 Datasheet HTML 11Page - Analog Devices AD8202 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8202
Rev. A | Page 10 of 12
GAIN TRIM
Figure 18 shows a method for incremental gain trimming by
using a trim potentiometer and external resistor REXT.
The following approximation is useful for small gain ranges.
ΔG ≈ (10 MΩ ÷ REXT)%
Thus, the adjustment range is ±2% for REXT = 5 MΩ; ±10% for
REXT = 1 MΩ, and so on.
5V
OUT
REXT
GAIN TRIM
20k
Ω MIN
VCM
VDIFF
2
VDIFF
2
NC = NO CONNECT
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8202
Figure 18. Incremental Gain Trim
Internal Signal Overload Considerations
When configuring gain for values other than 20, the maximum
input voltage with respect to the supply voltage and ground
must be considered, since either the preamplifier or the output
buffer reaches its full-scale output (approximately VS – 0.2 V)
with large differential input voltages. The input of the AD8202
is limited to (VS – 0.2) ÷ 10 for overall gains ≤ 10, since the pre-
amplifier, with its fixed gain of ×10, reaches its full-scale output
before the output buffer. For gains greater than 10, the swing at
the buffer output reaches its full scale first and limits the
AD8202 input to (VS – 0.2) ÷ G, where G is the overall gain.
LOW-PASS FILTERING
In many transducer applications, it is necessary to filter the sig-
nal to remove spurious high frequency components including
noise, or to extract the mean value of a fluctuating signal with a
peak-to-average ratio (PAR) greater than unity. For example, a
full-wave rectified sinusoid has a PAR of 1.57, a raised cosine
has a PAR of 2, and a half-wave sinusoid has a PAR of 3.14.
Signals having large spikes may have PARs of 10 or more.
When implementing a filter, the PAR should be considered so
that the output of the AD8202 preamplifier (A1) does not clip
before A2, since this nonlinearity would be averaged and appear
as an error at the output. To avoid this error, both amplifiers
should be made to clip at the same time. This condition is
achieved when the PAR is no greater than the gain of the sec-
ond amplifier (2 for the default configuration). For example, if a
PAR of 5 is expected, the gain of A2 should be increased to 5.
Low-pass filters can be implemented in several ways by using
the features provided by the AD8202. In the simplest case, a
single-pole filter (20 dB/decade) is formed when the output of
A1 is connected to the input of A2 via the internal 100 kΩ resis-
tor by strapping Pins 3 and 4 and a capacitor added from this
node to ground, as shown in Figure 19. If a resistor is added
across the capacitor to lower the gain, the corner frequency
increases; it should be calculated using the parallel sum of the
resistor and 100 kΩ.
5V
VCM
VDIFF
2
VDIFF
2
NC = NO CONNECT
C
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8202
OUTPUT
FC =
1
2
πC105
C IN FARADS
Figure 19. Single-Pole, Low-Pass Filter Using the Internal 100 kΩ Signal
If the gain is raised using a resistor, as shown in Figure 17, the
corner frequency is lowered by the same factor as the gain is
raised. Thus, using a resistor of 200 kΩ (for which the gain
would be doubled), the corner frequency is now 0.796 Hz µF
(0.039 µF for a 20 Hz corner frequency.)
5V
VCM
VDIFF
2
VDIFF
2
NC = NO CONNECT
C
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8202
OUT
C
255k
FC = 1Hz –
µF
Figure 20. 2-Pole, Low-Pass Filter
A 2-pole filter (with a roll-off of 40 dB/decade) can be imple-
mented using the connections shown in Figure 20. This is a
Sallen-Key form based on a ×2 amplifier. It is useful to remember
that a 2-pole filter with a corner frequency f2 and a 1-pole filter
with a corner at f1 have the same attenuation at the frequency
(f22/f1). The attenuation at that frequency is 40 log (f2/f1), which is
illustrated in Figure 21. Using the standard resistor value shown
and equal capacitors (Figure 20), the corner frequency is conven-
iently scaled at 1 Hz µF (0.05 µF for a 20 Hz corner). A maximally
flat response occurs when the resistor is lowered to 196 kΩ and
the scaling is then 1.145 Hz µF. The output offset is raised by
approximately 5 mV (equivalent to 250 µV at the input pins).


Similar Part No. - AD8202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8202 AD-AD8202 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
logo
Aavid, Thermal Division...
AD8202 AAVID-AD8202 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
AD8202 AAVID-AD8202 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
More results

Similar Description - AD8202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com