Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N35S-243-BU0030-KI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # N35S-243-BU0030-KI
Description  Heavy Duty Incremental Rotary Shaft Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

N35S-243-BU0030-KI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  N35S-243-BU0030-KI Datasheet HTML 1Page - List of Unclassifed Manufacturers N35S-243-BU0030-KI Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series N35
Heavy Duty Incremental Rotary Shaft Encoder
Mechanical
Shaft Speed
6000 RPM maximum
Shaft Direction
Bidirectional
Standard Shaft Sizes
.3747'', .4997"
Shaft Extension(s)
Std 0.875", .50 x .05" flat
Shaft Seals
Neoprene or PTFE Options
Mounting
Refer to dimensional drawings
Bearings
ABEC 5 Spindle
Radial Loading
90 lbs. Operating
Axial Loading
45 lbs. Operating
Accuracy
+0.1º of Shaft Rotation Typical
Housing
Black Anodized Aluminum
Weight (N35)
36 oz.
Connector
6, 7, 10 Pin MS3102E or 18" Cable Out
Electrical
Pulse Rate
15 kHz typical, up to 200 kHz available
Outputs
NPN w/ 3.3K pullup or open collector
PNP sourcing
Line Driver (with complementary outputs)
Output Ratings
Open Collector Transistor
40 Vdc maximum
Line Drivers 8-15 Vdc
15 Vdc maximum
5 Vdc TTL
5.5 Vdc maximum
Supply Voltage
8 to 28 Vdc
5 Vdc TTL output
Supply Current, per channel
30 mA typical, 50 mA maximum
Current Sinking
250 mA maximum
Output Duty Cycle
50/50 w/ +20% typical tolerance
Tighter to +5% by spec
Pulsed Outputs
5-10 µsec or 25-35 µsec
Rise/Fall Times
1 µsec typical, other options available
See Wiring Diagrams for Pin Outs
Environmental
Operating Temp.
-40º to +85º C (-40º to +185º F)
Shock
50 g’s for 11 Milliseconds
Vibration
5 to 2000 Hertz at 20 g’s
Humidity
100% Relative Humidity
Enclosures (Sealed)
NEMA 4X equiv. — Water-tight
• Enclosure: N35-3.5'' Dia. NEMA 4 type Sealing
Servo, Flush or Flanged Mounting
• Vibration-resistant Anti-Jitter Circuitry, Shatterproof
Metal Code Discs
• Shielded ABEC 5 Stainless Steel Spindle Bearings,
Standard and Self-Mounting options
• Low Supply Current Requirement - 30 milliamps
typical per encoder, maximum of 50 mA
• Operating Voltage Flexibility - 8 to 28 Vdc or 5 Vdc
TTL Output, 5V or 8 - 15V with Line Driver
• Operating Temperature Rating designed for
extremes, from -40º to +85º C (-40º to +185º F)
Electrical Connections
Function
6 Pin
7 Pin
10 Pin
Cable Out
Color
+V
B
D
D
D
Red
Common
A
F
F
F
Black
Channel A
D
A
A
A
Blue
Channel B
E
B
B
B
Brown
Channel A
C
E
H
E
White
Channel B
F
G
I
G
Green
Index
C or E*
C
C
C
White
Index
F
G
J
G
Green
* C is standard; for outputs “KI” or “LI” (line driver with index), index pin is E
Hercules Encoders
Specifications
For the latest specifications visit our website
www.herculesencoders.com


Similar Part No. - N35S-243-BU0030-KI

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N3505-2B 3M-N3505-2B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3505-30B 3M-N3505-30B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3505-31B 3M-N3505-31B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3505-3B 3M-N3505-3B Datasheet
1Mb / 5P
   100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
N3518 3M-N3518 Datasheet
1Mb / 6P
   100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
More results

Similar Description - N35S-243-BU0030-KI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
logo
Pepperl+Fuchs Inc.
ENI11HD-H PF-ENI11HD-H Datasheet
992Kb / 6P
   Heavy-duty incremental encoder
ENI11HD-R PF-ENI11HD-R Datasheet
926Kb / 6P
   Heavy-duty incremental encoder
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
   Incremental Hollow Shaft Encoder
logo
Pepperl+Fuchs Inc.
TSI40N PF-TSI40N Datasheet
278Kb / 3P
   Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
   Incremental rotary encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com