Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A215822A2NZNQ Datasheet(PDF) 4 Page - ITT Industries

Part # A215822A2NZNQ
Description  4 & 5 Tumbler 1-4 Pole Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A215822A2NZNQ Datasheet(HTML) 4 Page - ITT Industries

  A215822A2NZNQ Datasheet HTML 1Page - ITT Industries A215822A2NZNQ Datasheet HTML 2Page - ITT Industries A215822A2NZNQ Datasheet HTML 3Page - ITT Industries A215822A2NZNQ Datasheet HTML 4Page - ITT Industries A215822A2NZNQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M–37
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
C&K A Series
4 & 5 Tumbler 1-4 Pole Switchlocks
TERMINATIONS
MOUNTING/LOCK STYLE
PANEL MOUNTING
1.036
(26,31)
.270
(6,68)
PANEL MOUNTING
3P MODEL
4P MODEL
PC MOUNTING
R
REMOVABLE DRESS NUT
N
WITH NUT
Z
SOLDER LUG
C
PC THRU-HOLE
TYPICAL INSTALLATION
Install hex nut with enough clearance to allow for dress nut
and panel. Place switch through cutout in rear of panel.
Install and tighten dress nut by hand, then tighten hex nut.
Always tighten assembly with back of panel hex nut to
avoid damaging front of panel.
Nut part number: 175050700
SP MODEL (omit terminals B, C ,D)
DP MODEL (omit terminals B & D)


Similar Part No. - A215822A2NZNQ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A2150-E OMRON-A2150-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
Allegro MicroSystems
A2151 ALLEGRO-A2151 Datasheet
279Kb / 7P
   Audio Amplification Transistor
logo
MicroPower Direct, LLC
A215EHI MPD-A215EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
A215EHI MPD-A215EHI Datasheet
223Kb / 2P
   A200EHI SERIES
A215R MPD-A215R Datasheet
94Kb / 2P
   Compact, Regulated, 2W Single & Dual Output DC/DC Converters
More results

Similar Description - A215822A2NZNQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com