Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1302CV25-167BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1302CV25-167BZC
Description  9-Mbit Burst of Two Pipelined SRAMs with QDR??Architecture
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1302CV25-167BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1302CV25-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1302CV25-167BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PREMILINARY
CY7C1302CV25
Document #: 38-05491 Rev. *A
Page 8 of 18
Hold Times
tHA
tHA
Address Hold after Clock (K and K) Rise
0.7
0.8
1.0
ns
tHC
tHC
Control Signals Hold after Clock (K and K) Rise
(RPS, WPS, BWS0, BWS1)
0.7
0.8
1.0
ns
tHD
tHD
D[17:0] Hold after Clock (K and K) Rise
0.7
0.8
1.0
ns
Output Times
tCO
tCHQV
C/C Clock Rise (or K/K in single clock mode) to
Data Valid
2.5
3.0
3.0
ns
tDOH
tCHQX
Data Output Hold after Output C/C Clock Rise
(Active to Active)
1.2
1.2
1.2
ns
tCHZ
tCHZ
Clock (CandC) RisetoHigh-Z(ActivetoHigh-Z)[19,20]
2.5
3.0
3.0
ns
tCLZ
tCLZ
Clock (C and C) Rise to Low-Z[19, 20]
1.2
1.2
1.2
ns
Notes:
19. tCHZ, tCLZ, are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured ± 100 mV from steady-state voltage.
20. At any given voltage and temperature tCHZ is less than tCLZ and, tCHZ less than tCO.
Switching Characteristics Over the Operating Range (continued)[17]
Cypress
Parameter
Consortium
Parameter
Description
-167
-133
-100
Unit
Min. Max. Min. Max. Min. Max.


Similar Part No. - CY7C1302CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
231Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
386Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
713Kb / 25P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture JTAG Interface
CY7C1302DV25-100 CYPRESS-CY7C1302DV25-100 Datasheet
231Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1302DV25-133 CYPRESS-CY7C1302DV25-133 Datasheet
231Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
More results

Similar Description - CY7C1302CV25-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
231Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1302DV25 CYPRESS-CY7C1302DV25_06 Datasheet
386Kb / 18P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1302DV25 CYPRESS-CY7C1302DV25_11 Datasheet
713Kb / 25P
   9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture JTAG Interface
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com