Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

273-8506-008 Datasheet(PDF) 1 Page - ITT Industries

Part # 273-8506-008
Description  Cannon APD / DIN 72585 Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

273-8506-008 Datasheet(HTML) 1 Page - ITT Industries

  273-8506-008 Datasheet HTML 1Page - ITT Industries 273-8506-008 Datasheet HTML 2Page - ITT Industries 273-8506-008 Datasheet HTML 3Page - ITT Industries 273-8506-008 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
17
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon APD / DIN 72585 Connectors
Technical Data, 37-way*
Electrical Data
Voltage
48 VDC max.
Current Carrying Capacity:
max. 12 A at 85°C / 105 °C short time, for wire size
1,5 mm
Ω (for a limited no. of contacts)
max. 2 A at 120°C or 5 A, for wire size 1,5 mm
(for a limited no. of contacts)
Contact Resistance
Initially: max. 5 m
After climatic tests: max 10 M
Test Voltage
1.000 VAC
Insulation Resistance
> 1.000 M
Mechanical Data
Sealing acc. to IEC 60529 and DIN 40050
IP 67: 0,1 bar / 30 minutes
IP 69K. Jet water 85°C
Operating Temperature Range
-40°C / 125°C
Shock
50g / 11ms half sine IEC 60512
Vibration
Sine wave 70-2.000 Hz, 18/20g
100 hours / axis, 50% of test time at
120°C (test conditions) DIN 72585
Durability
20 Mating cycles
Coupling Torque
close: max 4 Nm
open: min 1 Nm; max 4 Nm
Contact Retention Force
min 80 N
Mechanical Robustness
Static, lateral load: 150N / 10s
Dynamic impact, ball drop 2 Joules,
Cable drop 1m height EN ISO 8092
Humidity, cyclic:
23°C/ 83% - 40°C/ 95%; 168h
Industrial Atmosphere
Condensed water / SO2; 3 cycles
Standards and Specifications (in accordance with DIN 72585) Environmental
Resistance against Fluids:
Diesel DIN EN 590
Diesel + test fuel FAM2
Motor oil
SAE30
Motor oil
DIN 51 5111
Gearbox oil, different types e.g. SAE 80W90
Brake Fluid DIN ISO 4925
Cleaning agent
Salt Spray Test:
48h
DIN 50021
Materials
Connector housing
PA66
O-Ring
FKM
Contacts
Copper alloy, tinned, gold-plated
Coupling nut
PA
* Contact layout is not specified by DIN 72585
APD 37-way is a highly reliable, cost effective multi-pin connector with
signal contacts (multi-layout power / signal on demand). It offers wire to
wire and wire to board connection solutions. According to DIN 72585,
the connector is dedicated for harsh environmental usage. Various
customer specific designs (e.g. different coding) are possible.


Similar Part No. - 273-8506-008

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
273-029-629-002 EDAC-273-029-629-002 Datasheet
142Kb / 1P
   273 Series High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Receptacle
273-029-629-002 EDAC-273-029-629-002 Datasheet
169Kb / 2P
   273 Series,High Speed Card Edge Connectors | SAS Connector 1.27mm Signal Pitch 0.80mm SCSI Pitch | Receptacle
logo
List of Unclassifed Man...
273-AB ETC-273-AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
273-ABE-01 ETC-273-ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
273-ABE-02 ETC-273-ABE-02 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 273-8506-008

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ISO15170 ITT-ISO15170 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
   APD Transportation Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com