Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T16A999PF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT70T16A999PF
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T16A999PF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT70T16A999PF Datasheet HTML 7Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 8Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 9Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 10Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 11Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 12Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 13Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 14Page - Integrated Device Technology IDT70T16A999PF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
6.42
IDT70T16/5L
High-Speed 2.5V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
PRELIMINARY
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
70T16/5L20
Com 'l Only
70T16/5L25
Com 'l
& Ind
Sym bol
Param eter
M in.
M ax.
M in.
M ax.
Unit
BUSY TIMING (M/S = VIH)
tBAA
BUSY Acc e ss Tim e from Ad dres s M atch
__ __
20
__ __
20
ns
tBDA
BUSY Dis able Tim e from Ad dres s No t M atche d
__ __
20
__ __
20
ns
tBAC
BUSY Ac ce ss Tim e fro m Chip E nab le LOW
__ __
20
__ __
20
ns
tBDC
BUSY Dis ab le Tim e fro m Chip E nab le HIGH
__ __
17
__ __
17
ns
tAPS
Arb itratio n Prio rity Se t-up Tim e (2)
5
__ __
5
__ __
ns
tBDD
BUSY Disab le to Valid Data(3)
__ __
30
__ __
30
ns
tWH
W rite Ho ld A fte r
BUSY(5)
15
__ __
17
__ __
ns
BUSY TIMING (M/S = VIL)
tWB
BUSY Inp ut to Write(4)
0
__ __
0
__ __
ns
tWH
W rite Ho ld A fte r
BUSY(5)
15
__ __
17
__ __
ns
PORT-TO-PORT DELAY TIM ING
tWDD
W r ite P uls e to D ata De lay(1)
__ __
45
__ __
50
ns
tDDD
W rite Data Va lid to Re ad D ata De lay (1)
__ __
35
__ __
35
ns
5663 tb l 1 3
Timing Waveform of Read with BUSY(2,4,5) (M/S = VIH)
5663 drw 11
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/
S=VIL.
2.
CEL = CER = VIL.
3.
OE = VIL for the reading port.
4. If M/
S=VIL (SLAVE), BUSY is an input. Then for this example BUSY“A” = VIH and BUSY“B” input is shown above.
5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from Port "A".
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveformof Write with Port-to-Port Read and
BUSY (M/S = VIH)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on Port "B" during contention on Port "A".
5. To ensure that a write cycle is completed on Port "B" after contention on Port "A".
6. 'X' in part numbers indicates power rating (S or L).


Similar Part No. - IDT70T16A999PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T16A999PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com