Electronic Components Datasheet Search |
|
IDT72T51343L5BBI Datasheet(PDF) 9 Page - Integrated Device Technology |
|
IDT72T51343L5BBI Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 55 page 9 COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES IDT72T51333/72T51343/72T51353 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES (8 QUEUES) 18 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits PIN DESCRIPTIONS (CONTINUED) Symbol & Name I/O TYPE Description Pin No. RCLK Read Clock HSTL-LVTTL When enabled by REN, the rising edge of RCLK reads data from the selected queue via the output (T10) INPUT bus Qout. The queue to be read is selected via the RDADD address bus and a rising edge of RCLK while RADEN is HIGH. A rising edge of RCLK in conjunction with ESTR and RDADD will also select the PAEnflagquadranttobeplacedonthePAEnbusduringdirectflagoperation.Duringpolledflagoperation the PAEnbusiscycledwithrespecttoRCLKandtheESYNCsignalissynchronizedtoRCLK.ThePAE and OV outputs are all synchronized to RCLK. During device expansion the EXO and EXI signals are based on RCLK. RCLK must be continuous and free-running. RDADD Read Address HSTL-LVTTL For the 8Q device the RDADD bus is 6 bits. The RDADD bus is a dual purpose address bus. The first [5:0] Bus INPUT function of RDADD is to select a queue to be read from. The least significant 3 bits of the bus, RDADD[2:0] (RDADD5-P16 are used to address 1 of 8 possible queues within a multi-queue device. The most significant 3 bits, RDADD4-P15 RDADD[5:3] are used to select 1 of 8 possible multi-queue devices that may be connected in expansion RDADD3-P14 mode. These 3 MSB’s will address a device with the matching ID code. The address present on the RDADD2-N14 RDADD bus will be selected on a rising edge of RCLK provided that RADEN is HIGH, (note, that data RDADD1-M16 can be placed on to the Qout bus, read from the previously selected queue on this RCLK edge). On the RDADD0-M15) next rising RCLK edge after a read queue select, a data word from the previous queue will be placed onto the outputs, Qout, regardless of the RENinput.TwoRCLKrisingedgesafterreadqueueselect,datawill be placed on to the Qout outputs from the newly selected queue, regardless of REN duetothefirstword fallthrougheffect. The second function of the RDADD bus is to select the device of queues to be loaded on to the PAEnbus during strobed flag mode. The most significant 3 bits, RDADD[5:3] are again used to select 1 of 8 possible multi-queue devices that may be connected in expansion mode. Address bits RDADD[2:0] are don’t care during quadrant selection. The quadrant address present on the RDADD bus will be selected on the rising edge of RCLK provided that ESTR is HIGH, (note, that data can be placed on to the Qout bus, read from the previously selected queue on this RCLK edge). Please refer to Table 2 for details on RDADD bus. REN Read Enable HSTL-LVTTL The REN input enables read operations from a selected queue based on a rising edge of RCLK. A (T11) INPUT queue to be read from can be selected via RCLK, RADEN and the RDADD address bus regardless ofthestateof REN.DatafromanewlyselectedqueuewillbeavailableontheQoutoutputbusonthesecond RCLK cycle after queue selection regardless of REN due to the FWFT operation. A read enable is not required to cycle the PAEn bus (in polled mode) or to select the device, (in direct mode). SCLK Serial Clock HSTL-LVTTL If serial programming of the multi-queue device has been selected during master reset, the SCLK input (N3) INPUT clocks the serial data through the multi-queue device. Data setup on the SI input is loaded into the device ontherisingedgeofSCLKprovidedthat SENIisenabled,LOW.Whenexpansionofdevicesisperformed the SCLK of all devices should be connected to the same source. SENI Serial Input HSTL-LVTTL During serial programming of a multi-queue device, data loaded onto the SI input will be clocked into the (M2) Enable INPUT part (via a rising edge of SCLK), provided the SENI input of that device is LOW. If multiple devices are cascaded, the SENIinputshouldbeconnectedtotheSENOoutputofthepreviousdevice.Sowhenserial loading of a given device is complete, its SENO output goes LOW, allowing the next device in the chain to be programmed ( SENOwillfollowSENIofagivendeviceoncethatdeviceisprogrammed).TheSENI input of the master device (or single device), should be controlled by the user. SENO SerialOutput HSTL-LVTTL This output is used to indicate that serial programming or default programming of the multi-queue device (M1) Enable OUTPUT has been completed. SENOfollowsSENIonceprogrammingofadeviceiscomplete.Therefore,SENO will go LOW after programming provided SENI is LOW, onceSENI istakenHIGHagain,SENOwillalso go HIGH. When the SENOoutputgoesLOW,thedeviceisreadytobeginnormalread/writeoperations. If multiple devices are cascaded and serial programming of the devices will be used, the SENO output should be connected to the SENI input of the next device in the chain. When serial programming of the first device is complete, SENO will go LOW, thereby taking the SENI input of the next device LOW and so on throughout the chain. When a given device in the chain is fully programmed the SENO output essentiallyfollowsthe SENIinput.TheusershouldmonitortheSENOoutputofthefinaldeviceinthechain. When this output goes LOW, serial loading of all devices has been completed. SI Serial In HSTL-LVTTL Duringserialprogrammingthispinisloadedwiththeserialdatathatwillconfigurethemulti-queuedevices. (L1) INPUT Data present on SI will be loaded on a rising edge of SCLK provided that SENI is LOW. In expansion |
Similar Part No. - IDT72T51343L5BBI |
|
Similar Description - IDT72T51343L5BBI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |