Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65132 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY65132
Description  WLAN Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65132 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY65132 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65132 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65132 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65132 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65132 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65132 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65132 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65132 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRELIMINARY DATA SHEET • SKY65132
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103252B • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 20, 2004
5
Frequency (GHz)
3.5
4.0
4.5
5.0
5.5
6.0
2.40
2.42
2.44
2.46
2.48
2.50
Figure 5. Typical Noise Figure Performance vs Frequency
Frequency (GHz)
–50
–60
–40
–30
–20
–10
0
+10
2.411
2.417
2.423
2.430
2.436
2.442
2.448
2.454
2.461
2.467
2.473
POUT = +29 dBm
IEEE802.11g
Specification Mask
Figure 7. Output Spectrum Response for 802.11b CCK-Coded
(11 Mbps Input Signal)
0
1
2
3
4
5
6
18
19
20
21
22
23
24
25
26
27
28
Output Power (dBm)
Figure 9. EVM vs POUT for 802.11g
(64 Quadrature Amplitude Modulated, 54 Mbps Input Signal)
Frequency (GHz)
–50
–40
–30
–20
–10
0
+10
2.411
2.417
2.423
2.430
2.436
2.442
2.448
2.454
2.461
2.467
2.473
POUT = +27 dBm
IEEE802.11g
Specification Mask
Figure 6. Output Spectrum Response for 802.11g
(64 Quadrature Amplitude Modulated, 54 Mbps Input Signal)
POUT (dBm)
0
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
12
14
16
18
20
22
24
26
28
30
32
Figure 8. Detector Output Voltage vs RF Output Power


Similar Part No. - SKY65132

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65132 SKYWORKS-SKY65132 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
More results

Similar Description - SKY65132

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131_08 Datasheet
264Kb / 10P
   WLAN Power Amplifier Module
SKY65131 SKYWORKS-SKY65131 Datasheet
115Kb / 8P
   WLAN Power Amplifier Module
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
   3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
Skyworks Solutions Inc.
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com