Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6208-3G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6208-3G
Description  Triple-Half-Bridge
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6208-3G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6208-3G Datasheet HTML 3Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 4Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 5Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 6Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 7Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 8Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 9Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 10Page - Infineon Technologies AG TLE6208-3G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLE 6208-3 G
Data Sheet
7
2001-05-10
Fault Result Table
Fault
Diag.-Bit
Result
Overcurrent (load)
13
Only the failed output is switched OFF. Function
can be deactivated by bit No. 13.
Short circuit to GND
(high-side-switch)
13
Only the failed output is switched OFF. Function
can be deactivated by bit No. 13.
Short circuit to
V
S
(low-side-switch)
13
Only the failed output is switched OFF. Function
can be deactivated by bit No. 13.
Temperature warning 0
Reaction of control device needed.
Temperature shut
down (SD)
All outputs OFF.
Temperature warning is set before.
Underload/Openload
14
Reaction of control device needed.
Undervoltage lockout
(UVLO)
15
All outputs OFF.
Overvoltage lockout
(OVLO)
15
All outputs OFF.
Function can be deactivated by bit No. 15.
H = failure;
L = no failure.


Similar Part No. - TLE6208-3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
TLE6208-3G INFINEON-TLE6208-3G Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
TLE6208-3G INFINEON-TLE6208-3G_07 Datasheet
415Kb / 22P
   Triple Half Bridges Optimized for DC motor management applications
2007-09-12
More results

Similar Description - TLE6208-3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6208-3G INFINEON-TLE6208-3G Datasheet
198Kb / 21P
   Triple-Half-Bridge
2001-05-10
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
logo
ATMEL Corporation
ATA6831 ATMEL-ATA6831 Datasheet
309Kb / 17P
   Triple Half-bridge Driver with SP and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com