Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1230CPW Datasheet(PDF) 11 Page - Texas Instruments

Part # THS1230CPW
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS1230CPW Datasheet HTML 7Page - Texas Instruments THS1230CPW Datasheet HTML 8Page - Texas Instruments THS1230CPW Datasheet HTML 9Page - Texas Instruments THS1230CPW Datasheet HTML 10Page - Texas Instruments THS1230CPW Datasheet HTML 11Page - Texas Instruments THS1230CPW Datasheet HTML 12Page - Texas Instruments THS1230CPW Datasheet HTML 13Page - Texas Instruments THS1230CPW Datasheet HTML 14Page - Texas Instruments THS1230CPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − MHz
AVDD = DVDD = 3.3 V,
fs = 30 MSPS,
fi = 3.58 MHz, −1 dBFS,
Mode 1 Differential
−140
−120
−100
−80
−60
−40
−20
0
AVDD = DVDD = 3.3 V,
fs = 30 MSPS,
fi = 3.58 MHz, −1 dBFS,
Mode 2 Differential
f − Frequency − MHz
PRINCIPLES OF OPERATION
Analog Input
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
FAST FOURIER TRANSFORM - MODE 1
Figure 12.
FAST FOURIER TRANSFORM - MODE 2
Figure 13.
The analog input AIN is sampled in the sample and hold unit, the output of which feeds the ADC CORE, where
the process of analog to digital conversion is performed against ADC reference voltages, VREFT and VREFB.
Connecting the EXTREF pin to one of two voltages, DGND or DVDD selects one of the two configurations of ADC
reference generation. The ADC reference voltages come from either the internal reference buffer or completely
external sources. Connect EXTREF to DGND for internal reference generation or to DVDD for external reference
generation.
CON0 and CON1 as described below, select the input configuration mode or place the device in powerdown.
The ADC core drives out through output buffers to the data pins D0 to D11. The output buffers can be disabled
by the OE pin.
A single, sample-rate clock (30 MHz maximum) is required at pin CLK. The analog input signal is sampled on the
rising edge of CLK, and corresponding data is output after the fifth following rising edge.
The THS1230 can operate in differential Mode 1 or differential Mode 2, controlled by the configuration pins
CON0 and CON1 as shown in Table 1. Mode 0 places the device in power-down state or standby for reduced
power consumption.
11


Similar Part No. - THS1230CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1230IDW TI1-THS1230IDW Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPW TI1-THS1230IPW Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPWG4 TI1-THS1230IPWG4 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
More results

Similar Description - THS1230CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1215 TI-THS1215 Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1215 TI1-THS1215_15 Datasheet
744Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com