Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1230CDW Datasheet(PDF) 6 Page - Texas Instruments

Part # THS1230CDW
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1230CDW Datasheet HTML 2Page - Texas Instruments THS1230CDW Datasheet HTML 3Page - Texas Instruments THS1230CDW Datasheet HTML 4Page - Texas Instruments THS1230CDW Datasheet HTML 5Page - Texas Instruments THS1230CDW Datasheet HTML 6Page - Texas Instruments THS1230CDW Datasheet HTML 7Page - Texas Instruments THS1230CDW Datasheet HTML 8Page - Texas Instruments THS1230CDW Datasheet HTML 9Page - Texas Instruments THS1230CDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (CONTINUED)
1.5 V
BAND
GAP
REFT
REFB
CT
CB
CTB
THS1230
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
over recommended operating conditions (AV
DD = DVDD = 3.3 V, fs = 30 MHz/50% duty cycle, MODE = 1, 1-V input span,
internal reference, T
min to Tmax) (unless otherwise noted)
REFT, REFB REFERENCE VOLTAGES (all supplies = 3.3 V)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE(1)
VREFT
Upper reference voltage
2.15
VREFB
Lower reference voltage
1.15
V
VREF
Differential reference voltage, VREFT – VREFB
0.95
1
1.05
Differential reference voltage, VREFT – VREFB accuracy
–5%
5%
EXTERNAL REFERENCE
Externally applied VREFT reference voltage range
2
2.5
Externally applied VREFB reference voltage range
1.05
1.3
V
Externally applied (VREFT – VREFB) reference voltage range
0.75
1.05
External mode VREFT to VREFB impedance
9
k
INTERNAL OR EXTERNAL REFERENCE
CT
VREFT decoupling capacitor value
0.1
CB
VREFB decoupling capacitor value
0.1
µF
CTB
Decoupling capacitor VREFT to VREFB
10
(1)
The internal reference voltage is not intended for use driving off chip.
Figure 1. Reference Generation
6


Similar Part No. - THS1230CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1230IDW TI1-THS1230IDW Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPW TI1-THS1230IPW Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPWG4 TI1-THS1230IPWG4 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
More results

Similar Description - THS1230CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1215 TI-THS1215 Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1215 TI1-THS1215_15 Datasheet
744Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com