Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A115132G2SZNQ Datasheet(PDF) 5 Page - ITT Industries

Part # A115132G2SZNQ
Description  4 & 5 Tumbler 1-4 Pole Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A115132G2SZNQ Datasheet(HTML) 5 Page - ITT Industries

  A115132G2SZNQ Datasheet HTML 1Page - ITT Industries A115132G2SZNQ Datasheet HTML 2Page - ITT Industries A115132G2SZNQ Datasheet HTML 3Page - ITT Industries A115132G2SZNQ Datasheet HTML 4Page - ITT Industries A115132G2SZNQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M
M–38
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
CONTACT MATERIAL
SEAL
AVAILABLE HARDWARE
E
EPOXY SEAL
NONE
NO SEAL
Switch and Lock Assembly Instructions
Mounting Information (All Models)
1. Place lock assembly in mounting hole on panel,
secure with mounting nut.
2. Align keying tab on switch assembly with keying
slot on lock assembly.
3. Snap assemblies together.
4. Switch installation is permanent. Switch cannot
be removed from lock after assembly. Attempting
to separate switch and lock may cause damage
to switchlock.
1 MOVABLE CONTACT: Copper alloy, with gold plate over nickel plate.
STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate.
2 MOVABLE CONTACT: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Brass, silver plated (standard with all
termination options).
All models
with all options when ordered with ‘Q’ contact material.
Key Code: A126
4 TUMBLER
PART NO. (ONE KEY)
115140126
Material: Brass
Finish: Nickel plate
Key Code: D001
5 TUMBLER
PART NO. (ONE KEY)
115441001
Material: Brass
Finish: Nickel plate
.215 (5,46) max.
.125 (3,18) max.
R
.195 (4,95) max.
.105 (2,67) max.
N
PANEL THICKNESS
A & Y LOCK TYPES
G LOCK TYPES
MOUNTING
STYLES
R
N
LOCK TYPES
GA
Y
LOCK FINISHES
12
8
MOUNTING
STYLES
AVAILABLE OPTION COMBINATIONS
C&K A Series
4 & 5 Tumbler 1-4 Pole Switchlocks
MOUNTING/LOCK STYLE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible
definitions and specifications.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
SWITCH-2.5 AMPS @ 125 V AC; 350 mA @ 125 V DC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD
1
CARRY-5 AMPS CONTINUOUS.


Similar Part No. - A115132G2SZNQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
A11514MNZQ ITT-A11514MNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A11514MSZQ ITT-A11514MSZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A11514RNZQ ITT-A11514RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A11514RSZQ ITT-A11514RSZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A11515MNZQ ITT-A11515MNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
More results

Similar Description - A115132G2SZNQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com