Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T16A20PFI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70T16A20PFI
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T16A20PFI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70T16A20PFI Datasheet HTML 1Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 2Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 3Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 4Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 5Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 6Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 7Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 8Page - Integrated Device Technology IDT70T16A20PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6.42
IDT70T16/5L
High-Speed 2.5V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
PRELIMINARY
Pin Names
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L(1)
A0R - A13R(1)
Address
I/O0L - I/O8L
I/O0R - I/O8R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VDD
Power (2.5V)
VSS
Ground (0V)
5663 tbl 01
Truth Table II: Semaphore Read/Write Control(1)
Truth Table I: Non-Contention Read/Write Control
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all I/Os (I/O0-I/O8). These eight semaphores are addressed by A0 - A2.
NOTE:
1.
Condition: A0L — A13L
≠ A0R — A13R
Inputs
(1)
Outputs
Mode
CE
R/
W
OE
SEM
I/O0-8
H
X
X
H
High-Z
Deselcted: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
L
H
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
5663 tbl 02
Inputs
Outputs
Mode
CE
R/
W
OE
SEM
I/O0-8
HH
L
L
DATAOUT
Read Semaphore Flag Data Out (I/O0 - I/O8)
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
____
Not Allowed
5663 tbl 03
NOTE:
1.
A13 is a NC for IDT70T15.


Similar Part No. - IDT70T16A20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T16A20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com