Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70T16A25PFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70T16A25PFI
Description  HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T16A25PFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70T16A25PFI Datasheet HTML 2Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 3Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 4Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 5Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 6Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 7Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 8Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 9Page - Integrated Device Technology IDT70T16A25PFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6.42
IDT70T16/5L
High-Speed 2.5V 16/8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
PRELIMINARY
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
70T16/5L20
Com 'l Only
70T16/5L25
Com 'l
& Ind
S ym bol
P aram eter
Test Condition
V ersion
Typ.
(2)
Max.
Typ.
(2)
Max.
Unit
IDD
Dynam ic Operating
Curre nt
(B o th P o rts Ac tive )
CE = V IL, Outp uts Dis abled
SEM = VIH
f = fMA X(3)
CO M 'L
L
80
140
70
130
mA
IND
L
____
____
100
160
ISB 1
S tand b y Curre nt
(B o th P o rts - TTL
Le ve l Inp uts )
CER and CEL = VIH
SEMR = SEML = V IH
f = fMA X(3)
CO M 'L
L
12
20
7
17
mA
IND
L
____
____
12
25
ISB 2
S tand b y Curre nt
(O ne P o rt - TTL
Le ve l Inp uts )
CE"A " = VIL and CE"B " = V IH(1)
A ctive P o rt O utp uts Disab le d ,
f=fMA X(3)
SEMR = SEML = V IH
CO M 'L
L
5590
4080
mA
IND
L
____
----
55
100
ISB 3
Full S tand b y Curre nt
(B oth P o rts -
CM O S Le ve l Inp uts)
Bo th Po rts
CEL and
CER > VDD - 0.2V,
V IN > VDD - 0.2V o r
V IN < 0.2 V, f = 0 (4)
SEMR = SEML > V DD-0.2V
CO M 'L
L
0.05
2.5
0.05
2.5
mA
IND
L
____
____
0.2
5.0
ISB 4
Full S tand b y Curre nt
(O ne P o rt -
CM O S Le ve l Inp uts)
CE"A " < 0.2V and
CE"B " > V DD - 0.2V(1)
SEMR = SEML > V DD-0.2V
V IN > VDD - 0.2V o r V IN < 0.2V
A ctive P o rt O utp uts Disab le d ,
f = fMA X(3)
CO M 'L
L
5590
4080
mA
IND
L
____
____
55
100
5663 tb l 0 9
Timing of Power-Up / Power-Down
CE
5663 drw 06
tPU
ICC
ISB
tPD
50%
50%
,
1.25V
50
50
5663 drw 04
10pF / 5pF*
(Tester)
DATAOUT
,
BUSY
INT
Figure 1. AC Output Test Load
*(For tLZ, tHZ, tWZ, tOW)
Output Loads and
AC Test Conditions
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 2.5V
3ns Max.
1.25V
1.25V
Figures 1
5663 tbl 10
NOTES:
1.
Port "A" may be either left or right port. Port "B" is the opposite from port "A".
2. VDD = 2.5V, TA = +25°C, and are not production tested. IDD dc = 85mA (typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input
levels of GND to 3V.
4. f = 0 means no address or control lines change.


Similar Part No. - IDT70T16A25PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T24L IDT-IDT70T24L Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BF IDT-IDT70T24L20BF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20BFI IDT-IDT70T24L20BFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PF IDT-IDT70T24L20PF Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T24L20PFI IDT-IDT70T24L20PFI Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T16A25PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T9169L IDT-IDT70T9169L Datasheet
189Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9169 IDT-IDT70T9169 Datasheet
188Kb / 16P
   HIGH-SPEED 2.5V 16/8K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com