Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1086V-L-3-3 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP1086V-L-3-3
Description  1.5A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1086V-L-3-3 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP1086V-L-3-3 Datasheet HTML 4Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 5Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 6Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 7Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 8Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 9Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 10Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 11Page - Sipex Corporation SP1086V-L-3-3 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
0
Date: 7/25/06 Rev G
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
PAckAge: 3 Pin TO-220
Mechanical Dimensions (continued)
TO-220
Unit: mm(inch)
.560(0.0)
.60(0.06)
0.8(0.02)
8.76(0.5)
2.50(0.00)
0.56(0.0)
2.080(0.082)

7
.560(0.0)
7
.660(0.80)
0.550(0.022)
60
0.8(0.05)
2.580(0.02)
60
.500(0.05)
0.200(0.008)
2.50(0.00)
0.8(0.05)
0.06(0.06)
.80(0.)
0.660(0.20)
.060(0.60)
.50(0.05)
.820(0.0)
2.880(0.)
.760(0.06)


Similar Part No. - SP1086V-L-3-3

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
More results

Similar Description - SP1086V-L-3-3

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com