Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1202 Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1202
Description  High Voltage Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1202 Datasheet(HTML) 3 Page - Aimtron Technology

  AT1202 Datasheet HTML 1Page - Aimtron Technology AT1202 Datasheet HTML 2Page - Aimtron Technology AT1202 Datasheet HTML 3Page - Aimtron Technology AT1202 Datasheet HTML 4Page - Aimtron Technology AT1202 Datasheet HTML 5Page - Aimtron Technology AT1202 Datasheet HTML 6Page - Aimtron Technology AT1202 Datasheet HTML 7Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AT1202
Preliminary Product Information
High Voltage Linear Regulator
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/8/2006 REV:1.1
Email: service@aimtron.com.tw
3
Electrical Characteristics
(VIN=15V, /SHDN = VIN, ILOAD=5µA, Ta=TMIN to TMAX ,unless otherwise note. Typical Ta =25
0C)
Values
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Voltage
VIN
4
-
28
V
/SHDN=VIN, Ta =250C
-
12
15
μ
A
Supply Current
IIN
/SHDN=VIN,VIN=6~28V,
Ta=TMIN to TMAX
-
-
20
μ
A
/SHDN=GND, Ta =250C
-
-
3
μ
A
Shutdown Supply Current
IIN1
/SHDN=GND, Ta=TMIN to
TMAX
-
-
5
μ
A
FB=OUT, Ta =250C
VIN=6V to 28V,ILOAD=1mA
1.215
1.240
1.265
V
Feedback Reference
VFB FB=OUT, VIN=6V to 28V,
Ta=TMIN to TMAX
ILOAD=5μA to 30mA
1.18
-
1.28
V
Feedback Input Current
IFB
VFB =1.3V
-10
12
30
nA
Dropout Voltage
∆VDO ILOAD=30mA
-
-
350
mV
Output Current Limit
VIN=6
-
100
-
mA
OUT Reverse Leakage
Current
VIN=unconnected, OUT set
to 5V
-
80
-
μ
A
Capacitive Load
Requirement
0.33
-
-
μ
F/mA
Start-Up Time Response
RL =500Ω,OUT set to 5V
COUT =10μF
-
-
2
ms
Start-Up overshoot
RL =500Ω,COUT =10μF
OUT set to 5V with 90%
output
-
0.5
-
%OUT
/SHDN Input Current
I/SHDN /SHDN=0 or 15V
-1
-
1
μ
A
/SHDN Input Level
VIH
VIL
1.4
-
-
-
-
0.25
V
V


Similar Part No. - AT1202

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AT12020-21 ASI-AT12020-21 Datasheet
22Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
More results

Similar Description - AT1202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Texas Instruments
TPS7A4001-DIE TI1-TPS7A4001-DIE Datasheet
86Kb / 4P
[Old version datasheet]   VERY HIGH VOLTAGE LINEAR REGULATOR
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com