Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1201-45X Datasheet(PDF) 6 Page - Aimtron Technology

Part # AT1201-45X
Description  2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1201-45X Datasheet(HTML) 6 Page - Aimtron Technology

  AT1201-45X Datasheet HTML 1Page - Aimtron Technology AT1201-45X Datasheet HTML 2Page - Aimtron Technology AT1201-45X Datasheet HTML 3Page - Aimtron Technology AT1201-45X Datasheet HTML 4Page - Aimtron Technology AT1201-45X Datasheet HTML 5Page - Aimtron Technology AT1201-45X Datasheet HTML 6Page - Aimtron Technology AT1201-45X Datasheet HTML 7Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AT1201
Preliminary Product Information
2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/9/2006 REV:1.1
Email: service@aimtron.com.tw
6
Small Outline SOT-25
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
NOTES
A
0.035
0.057
0.90
1.45
-
A1
0.000
0.006
0.00
0.15
-
A2
0.035
0.051
0.90
1.30
-
b
0.010
0.020
0.25
0.50
-
C
0.003
0.008
0.08
0.20
-
D
0.110
0.122
2.80
3.10
-
E
0.102
0.118
2.60
3.00
-
E1
0.059
0.069
1.50
1.75
-
L
0.014
0.022
0.35
0.55
e
0.037ref
0.95ref
e1
0.075ref
1.90ref
r
00
100
00
100
-


Similar Part No. - AT1201-45X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AT12015-21 ASI-AT12015-21 Datasheet
24Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
AT12016-21 ASI-AT12016-21 Datasheet
22Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
AT12017-21 ASI-AT12017-21 Datasheet
22Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
More results

Similar Description - AT1201-45X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
Analog Microelectronics
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com