Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1309 Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1309
Description  Micro-Power Step up DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1309 Datasheet(HTML) 2 Page - Aimtron Technology

  AT1309 Datasheet HTML 1Page - Aimtron Technology AT1309 Datasheet HTML 2Page - Aimtron Technology AT1309 Datasheet HTML 3Page - Aimtron Technology AT1309 Datasheet HTML 4Page - Aimtron Technology AT1309 Datasheet HTML 5Page - Aimtron Technology AT1309 Datasheet HTML 6Page - Aimtron Technology AT1309 Datasheet HTML 7Page - Aimtron Technology AT1309 Datasheet HTML 8Page - Aimtron Technology AT1309 Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AT1309
Preliminary Product Information
Micro-Power Step up DC-DC Converter
Pin Configuration
Ordering Information
Part number
Package
Marking
AT1309X
SOT-25
Date Code
AT1309X_GRE
SOT-25, Green
,Date Code with one bottom line
: Date Code
*For more marking information, contact our sales representative directly
Pin Description
Pin N0.
Symbol
I / O
Description
1
LX
I
Step-up Regulator N-MOS Drain. Place output diode and inductor.
2
GND
P
Ground
3
FB
I
Step-Up Regulator Feedback Input. Connect a sense resistor from FB to
ground.
4
EN
I
Enable and Dimming Control Input. LED brightness and IC shutdown are
controlled by the voltage on EN. Driving low for longer than 4ms to
shutdown the IC.
5
VIN
P
Power supply.
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
3/2/2006
REV:1.1
Email: service@aimtron.com.tw
2


Similar Part No. - AT1309

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
AT1303M-GRE AIMTRON-AT1303M-GRE Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
AT1303P AIMTRON-AT1303P Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
AT1303P-GRE AIMTRON-AT1303P-GRE Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
AT1305 AIMTRON-AT1305 Datasheet
461Kb / 13P
   PFM Step-Up DC/DC Converter with LDO
More results

Similar Description - AT1309

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
   Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
logo
Silicon Standard Corp.
SS8051 SSC-SS8051 Datasheet
433Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
   Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
   Low Power DC-DC Step-Up Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com