Electronic Components Datasheet Search |
|
OH-A8FXL18F Datasheet(PDF) 2 Page - Nel Frequency Controls,inc |
|
OH-A8FXL18F Datasheet(HTML) 2 Page - Nel Frequency Controls,inc |
2 / 3 page CRYSTAL OSCILLATORS 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com Data Sheet 0635C Specifications Parameter Symb Condition Min Typ Max Unit Note OH-X8FXXXXX Series HF/UHF OCXO Low Power SMD Rev. A Absolute Maximum Ratings Input Break Down Voltage Vcc -0.5 5.5 V Storage temp. Ts -40 85 ° C Contr. Voltage Vc -1 9 V Electrical Frequency Range F CMOS Sine-wave PECL, LVDS 30 30 30 200 1,000 1,000 MHz Input Voltage Vcc 3.135 4.75 3.30 5.0 3.465 5.25 V 3 5 Input Current Icc At room, steady state 90 160 mA @ 100 MHz, 3.3V @ 622 MHz, 3.3V Frequency Stability ΔF/F vs. Temperature vs. Vcc aging ±50 ±2 ±0.1 ±0.5 ppb ppb/V ppm/year ppm See chart First Year 15 years Calibration ΔF/F As shipped, 25ºC ±0.1 ppm Load CMOS Sine PECL LVDS 15pF/10KOhm Internally AC-coupled 50 Ohm 50 Ohm to Vcc-2V or Thevenin equivalent 100 Ohm between the outputs, receiving end Duty cycle @50% 45 50 55 % CMOS, PECL, LVDS Rise/Fall time Tr/Tf 20 to 80 % 3 0.35 ns CMOS PECL, LVDS Logic "1" level Voh CMOS 0.9Vcc V Logic "0" level Vol CMOS 0.1Vcc V Logic "1" level Voh PECL Vcc-0.96 Vcc-0.81 V 100K available Logic "0" level Vol PECL Vcc-1.85 Vcc-1.65 V 100K available Vo d Differential amplitude 247 330 454 mV Amplitude error 50 mV Vo f Offset voltage 1.125 1.25 1.375 V Output Levels, LVDS Offset error 50 mV Output power P Sinewave Into 50 Ohm 0 4 3 7 dBm 3.3V 5.0V Start up time Ts 2 10 ms Phase jitter 1 σ 0.4 0.2 1 0.4 ps 100 Hz to 20 MHz 12 KHz to 20 MHz Subharmonics Sine, PECL, LVDS CMOS, Sine -45 -40 none dBc F>250MHz F< 250 MHz Spurious -60 dBc Harmonics Sine-wave -30 -25 dBc SSB Phase Noise @10 Hz @100 Hz @1 KHz @10 KHz @100 KHz -100 -125 -140 -160 -165 dBc/Hz @100 MHz, CMOS, Sine SSB Phase Noise @10 Hz @100 Hz @1 KHz @10 KHz @100 KHz -80 -100 -120 -145/-140 -150/-145 dBc/Hz @622 MHz; Sine/PECL,LVDS Input Impedance > 10KOhm Control voltage Vc 0 3.3 V Modulation bandwidth MB 100 Hz Contact Factory for wider MB Deviation Vc=0V to 3.3V,25°C ±0.5 ±1.0 ppm |
Similar Part No. - OH-A8FXL18F |
|
Similar Description - OH-A8FXL18F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |