Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10325.0 Datasheet(PDF) 10 Page - Ceramate Technical

Part # CP10325.0
Description  Chopper Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10325.0 Datasheet(HTML) 10 Page - Ceramate Technical

Back Button CP10325.0 Datasheet HTML 4Page - Ceramate Technical CP10325.0 Datasheet HTML 5Page - Ceramate Technical CP10325.0 Datasheet HTML 6Page - Ceramate Technical CP10325.0 Datasheet HTML 7Page - Ceramate Technical CP10325.0 Datasheet HTML 8Page - Ceramate Technical CP10325.0 Datasheet HTML 9Page - Ceramate Technical CP10325.0 Datasheet HTML 10Page - Ceramate Technical CP10325.0 Datasheet HTML 11Page - Ceramate Technical CP10325.0 Datasheet HTML 12Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CP1032
Chopper Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
10 of 12
Rev 1.1 Aug.31, 2004
Fig.19 Step Down Type Circuit Diagram
Fig.20 Polarity Inversion Type Circuit Diagram
D
CIN
220 F
Co
1000 F
L
45 H
VIN
CP1032-5.0
1
2
3
4
5
Vo 5V
LOAD
Rs
8to35V
D
CIN
220 F
Co
1000 F
L
65 H
VIN
CP1032-5.0
1
2
3
4
5
LOAD
Rs
5to30V
Cs
Vo -5V
Cs
ON/OFF control signal
Rs 50K
ON/OFF control signal


Similar Part No. - CP10325.0

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
List of Unclassifed Man...
CP1030 ETC-CP1030 Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
CUI INC
CP103033 CUI-CP103033 Datasheet
757Kb / 6P
   PELTIER MODULE
CP1030336 CUI-CP1030336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
CP103040336 CUI-CP103040336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
More results

Similar Description - CP10325.0

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
   Chopper Regulators TO-220 Type Chopper Regulators
PQ1CG2032FZ SHARP-PQ1CG2032FZ Datasheet
69Kb / 6P
   TO-220 Type Chopper Regulators
logo
Toshiba Semiconductor
2SK2964 TOSHIBA-2SK2964_09 Datasheet
410Kb / 6P
   Chopper Regulators, DC−DC Converters and Motor DriveApplications
2SK4020 TOSHIBA-2SK4020_09 Datasheet
424Kb / 6P
   Chopper Regulators, DC-DC Converters and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265_09 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
logo
Infineon Technologies A...
DF1000R17IE4P INFINEON-DF1000R17IE4P Datasheet
583Kb / 10P
   IGBT, Brems-Chopper / IGBT, Brake-Chopper
V3.0 2018-11-26
FD450R12KE4P INFINEON-FD450R12KE4P Datasheet
620Kb / 10P
   IGBT, Brems-Chopper / IGBT, Brake-Chopper
V2.0 2019-06-12
logo
Microsemi Corporation
APT58M50JU2 MICROSEMI-APT58M50JU2 Datasheet
114Kb / 5P
   ISOTOP짰 Boost chopper ISOTOP짰 Boost chopper
logo
Infineon Technologies A...
FD300R17KE4P INFINEON-FD300R17KE4P Datasheet
586Kb / 10P
   IGBT, Brems-Chopper / IGBT, Brake-Chopper
V2.0 2019-04-02
logo
Motorola, Inc
MPS404A MOTOROLA-MPS404A Datasheet
240Kb / 6P
   Chopper Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com