Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP10325.0N Datasheet(PDF) 7 Page - Ceramate Technical

Part # CP10325.0N
Description  Chopper Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10325.0N Datasheet(HTML) 7 Page - Ceramate Technical

Back Button CP10325.0N Datasheet HTML 3Page - Ceramate Technical CP10325.0N Datasheet HTML 4Page - Ceramate Technical CP10325.0N Datasheet HTML 5Page - Ceramate Technical CP10325.0N Datasheet HTML 6Page - Ceramate Technical CP10325.0N Datasheet HTML 7Page - Ceramate Technical CP10325.0N Datasheet HTML 8Page - Ceramate Technical CP10325.0N Datasheet HTML 9Page - Ceramate Technical CP10325.0N Datasheet HTML 10Page - Ceramate Technical CP10325.0N Datasheet HTML 11Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CP1032
Chopper Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
7 of 12
Rev 1.1 Aug.31, 2004
Fig.9
Load Regulation vs. Output Current
Fig.10
Line Regulation vs. Input Voltage
Fig.11 Oscillation Frequency Fluctuation vs.
Junction Temperature
Fig.12 Overcurrent Detecting Level
Fluctuation vs. Junction Temperature
Fig.13 On Threshold Voltage vs. Junction
Temperature
Fig.14 Overcurrent Shutdown Threshold
Voltage vs. Junction Temperature
Output current IO (A)
−0.5
0
1
0.5
1.5
0
0.5
1
1.5
2
2.5
3
Tj=25˚C
VIN=12V
VO=5V
Input voltage VIN (V)
−0.5
0
1
0.5
1.5
0
102030
15
25
35
5
40
Tj=25°C
VO=5V
IO=0.5A
−6
−4
−2
0
2
4
6
−25
0
25
50
75
100
125
Junction temperature Tj (°C)
VIN=12V
VO=5V
−8
−6
−4
−2
0
2
4
8
6
−25
Junction temperature Tj (°C)
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3
−25
0
50
100
125
25
75
Junction temperature Tj (°C)
VIN=12V
VTHH
VTHL
VTH (ON)
3
3.5
4.5
5.5
5
4
6
−25
0
25
50
75
100
125
Junction temperature Tj (°C)
VIN=12V


Similar Part No. - CP10325.0N

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
List of Unclassifed Man...
CP1030 ETC-CP1030 Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
CUI INC
CP103033 CUI-CP103033 Datasheet
757Kb / 6P
   PELTIER MODULE
CP1030336 CUI-CP1030336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
CP103040336 CUI-CP103040336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
More results

Similar Description - CP10325.0N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
   Chopper Regulators TO-220 Type Chopper Regulators
PQ1CG2032FZ SHARP-PQ1CG2032FZ Datasheet
69Kb / 6P
   TO-220 Type Chopper Regulators
logo
Toshiba Semiconductor
2SK2964 TOSHIBA-2SK2964_09 Datasheet
410Kb / 6P
   Chopper Regulators, DC−DC Converters and Motor DriveApplications
2SK4020 TOSHIBA-2SK4020_09 Datasheet
424Kb / 6P
   Chopper Regulators, DC-DC Converters and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265_09 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
logo
Infineon Technologies A...
DF1000R17IE4P INFINEON-DF1000R17IE4P Datasheet
583Kb / 10P
   IGBT, Brems-Chopper / IGBT, Brake-Chopper
V3.0 2018-11-26
FD450R12KE4P INFINEON-FD450R12KE4P Datasheet
620Kb / 10P
   IGBT, Brems-Chopper / IGBT, Brake-Chopper
V2.0 2019-06-12
logo
Microsemi Corporation
APT58M50JU2 MICROSEMI-APT58M50JU2 Datasheet
114Kb / 5P
   ISOTOP짰 Boost chopper ISOTOP짰 Boost chopper
logo
Infineon Technologies A...
FD300R17KE4P INFINEON-FD300R17KE4P Datasheet
586Kb / 10P
   IGBT, Brems-Chopper / IGBT, Brake-Chopper
V2.0 2019-04-02
logo
Motorola, Inc
MPS404A MOTOROLA-MPS404A Datasheet
240Kb / 6P
   Chopper Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com