Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1310X-PBF Datasheet(PDF) 4 Page - Aimtron Technology

Part # AT1310X-PBF
Description  MicroPower Charge Pump Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1310X-PBF Datasheet(HTML) 4 Page - Aimtron Technology

  AT1310X-PBF Datasheet HTML 1Page - Aimtron Technology AT1310X-PBF Datasheet HTML 2Page - Aimtron Technology AT1310X-PBF Datasheet HTML 3Page - Aimtron Technology AT1310X-PBF Datasheet HTML 4Page - Aimtron Technology AT1310X-PBF Datasheet HTML 5Page - Aimtron Technology AT1310X-PBF Datasheet HTML 6Page - Aimtron Technology AT1310X-PBF Datasheet HTML 7Page - Aimtron Technology AT1310X-PBF Datasheet HTML 8Page - Aimtron Technology AT1310X-PBF Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AT1310
Preliminary Product Information
MicroPower Charge Pump Converter
7F, No.9, Park Avenue. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/8/2006 REV:1.1
Email: service@aimtron.com.tw
4
Typical characteristics :


Similar Part No. - AT1310X-PBF

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
AT1312A AIMTRON-AT1312A Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
AT1312AX AIMTRON-AT1312AX Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
AT1312AX-GRE AIMTRON-AT1312AX-GRE Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
AT1312B AIMTRON-AT1312B Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
More results

Similar Description - AT1310X-PBF

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3310 KINGBOR-KB3310 Datasheet
250Kb / 7P
   Preliminary Product Information MicroPower Charge Pump Converter
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3110 AAT-AAT3110 Datasheet
284Kb / 20P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221 LINER-LTC3221_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC3221-3.3 LINER-LTC3221-3.3_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com