Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1313 Datasheet(PDF) 7 Page - Aimtron Technology

Part # AT1313
Description  High Efficiency, Constant Current White-LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1313 Datasheet(HTML) 7 Page - Aimtron Technology

Back Button AT1313 Datasheet HTML 3Page - Aimtron Technology AT1313 Datasheet HTML 4Page - Aimtron Technology AT1313 Datasheet HTML 5Page - Aimtron Technology AT1313 Datasheet HTML 6Page - Aimtron Technology AT1313 Datasheet HTML 7Page - Aimtron Technology AT1313 Datasheet HTML 8Page - Aimtron Technology AT1313 Datasheet HTML 9Page - Aimtron Technology AT1313 Datasheet HTML 10Page - Aimtron Technology AT1313 Datasheet HTML 11Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AT1313
High Efficiency, Constant Current
White-LED Driver
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
10/31/2006
REV:2.0
Email:service@aimtron.com.tw
7
Function Description
The AT1313 is a high efficiency and constant current DC-DC converter IC which is designed primarily
for use in LED module applications. The output voltage of the step-up converter can be set from Vin to
16V with external sense resistor. The device suits to drive series-connected LEDs and provides even
illumination by sourcing the same output current through each LED. AT1313 also consists of a logic
shutdown , cycle-by-cycle current-limited , soft-start functions.
Logic control input or PWM duty cycle control allows easy adjustment of LEDs brightness and on/off
control. The average LED current is proportionable the duty-cycle of the PWM signal. Typical PWM
frequency should be between 100Hz and 1kHz.
The boost converter operates in current-mode PWM and a constant frequency of 1.4 MHz. Depending
on duty cycle of each switching cycle can regulate output voltage. On the rising edge of the internal
clock , the control and driver logic block sets internal flip-flop when the output voltage is too low,
which turns on the N-MOS. The external inductor current ramps up linearly, storing energy in a
magnetic filed. Once peak current of inductor over trans-conductance output level , the N-MOS turns
off, the flip-flop resets, and external schottky diode turns on. This forces the current through the
inductor to ramp back down, transferring the energy stored in the magnetic field to the output capacitor
and LEDs. To reduce external component amount , the device will be built-in
internal loop
compensation.
Enable Control
Digital logic of EN provides an electrical ON/OFF control of the power supply. Connecting this pin to
ground or to any voltage less than 0.5V and sustain the level over 4ms will completely turn off the
regulator. In this state, current drain from the input supply is less than 1uA, the internal reference, error
amplifier, comparators, and biasing circuitry turn off . If holding time of low level is less than 3ms on
this pin, then the device only shutdown driver logic block.
Dimming Control
Digital logic of EN also provides LEDs brightness control by applying a PWM signal on EN pin. With
this way, the LEDs operate with either zero or full current . The average LED current is proportional to
the duty-cycle of the PWM signal. Typical PWM frequency should be between 100Hz and 1kHz.
Output current is given by:
PWM
S
SENSE
PWM
ON
LED
T
R
T
mV
I
×
×
=
200
Where:
TON-PWM : On time of PWM signal
TS-PWM : A cycle time of PWM signal
If dimming control is not required , EN works as a simple on/off control. Drive EN high to enable the
device , or drive EN low for shutdown.


Similar Part No. - AT1313

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1310 AIMTRON-AT1310 Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
AT1310X AIMTRON-AT1310X Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
AT1310X-PBF AIMTRON-AT1310X-PBF Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
AT1312A AIMTRON-AT1312A Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
More results

Similar Description - AT1313

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
G2621 GMT-G2621 Datasheet
95Kb / 1P
   High Efficiency, Constant Current 40V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
   High Efficiency, Constant Current 40V White-LEDs Driver
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
   Constant Current White LED driver
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com