Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1312AX Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1312AX
Description  High Efficiency, Constant Current White-LEDs Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1312AX Datasheet(HTML) 2 Page - Aimtron Technology

  AT1312AX Datasheet HTML 1Page - Aimtron Technology AT1312AX Datasheet HTML 2Page - Aimtron Technology AT1312AX Datasheet HTML 3Page - Aimtron Technology AT1312AX Datasheet HTML 4Page - Aimtron Technology AT1312AX Datasheet HTML 5Page - Aimtron Technology AT1312AX Datasheet HTML 6Page - Aimtron Technology AT1312AX Datasheet HTML 7Page - Aimtron Technology AT1312AX Datasheet HTML 8Page - Aimtron Technology AT1312AX Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AT1312A/B/C
Preliminary Product Information
High Efficiency, Constant Current
White-LEDs Driver
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/23/2006 REV:1.1
Email: service@aimtron.com.tw
2
Pin Configuration
54
1
3
2
SOT-25
(TOP VIEW)
FB
VIN
LX
EN
GND
312
OVP
A:1312AX
B:1312BX
C:1312CX
6
Ordering Information
Part number
Package
Current
Limit
OVP
Protection
Marking
AT1312AX
SOT-26
400mA
28V
Date Code
AT1312AX_GRE SOT-26, Green 400mA
28V
,Date Code with one bottom
line
AT1312BX
SOT-26
300mA
23V
Date Code
AT1312BX_GRE SOT-26, Green 300mA
23V
,Date Code with one bottom
line
AT1312CX
SOT-26
200mA
16V
Date Code
AT1312CX_GRE SOT-26, Green 200mA
16V
,Date Code with one bottom
line
: Date Code
*For more marking information, contact our sales representative directly
Pin Description
Pin N0.
Symbol
I / O
Description
1
LX
I
Step-up Regulator N-MOS Drain. Place output diode and inductor.
2
GND
P
Ground
3
FB
I
Step-Up Regulator Feedback Input. Connect a sense resistor from FB to
ground.
4
EN
I
Enable and Dimming Control Input. LED brightness and IC shutdown are
controlled by the voltage on EN. Driving low for longer than 4ms to
shutdown the IC.
5
OVP
I
Over-voltage protection input. Connect to the output.
6
VIN
P
Power supply.


Similar Part No. - AT1312AX

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1310 AIMTRON-AT1310 Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
AT1310X AIMTRON-AT1310X Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
AT1310X-PBF AIMTRON-AT1310X-PBF Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
AT1313X-GRE AIMTRON-AT1313X-GRE Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
More results

Similar Description - AT1312AX

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
G2621 GMT-G2621 Datasheet
95Kb / 1P
   High Efficiency, Constant Current 40V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
   High Efficiency, Constant Current 40V White-LEDs Driver
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
logo
Global Mixed-mode Techn...
G5126 GMT-G5126 Datasheet
107Kb / 1P
   High Efficiency, Constant Current, Boost DC/DC White-LEDs Drive
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
   High Efficiency, Constant Current Output for 8 Series LEDs Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com