Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1362AN Datasheet(PDF) 10 Page - Aimtron Technology

Part # AT1362AN
Description  Synchronous Buck Converter With Power Good Detector & LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1362AN Datasheet(HTML) 10 Page - Aimtron Technology

Back Button AT1362AN Datasheet HTML 5Page - Aimtron Technology AT1362AN Datasheet HTML 6Page - Aimtron Technology AT1362AN Datasheet HTML 7Page - Aimtron Technology AT1362AN Datasheet HTML 8Page - Aimtron Technology AT1362AN Datasheet HTML 9Page - Aimtron Technology AT1362AN Datasheet HTML 10Page - Aimtron Technology AT1362AN Datasheet HTML 11Page - Aimtron Technology AT1362AN Datasheet HTML 12Page - Aimtron Technology AT1362AN Datasheet HTML 13Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AT1362A/B
Preliminary Product Information
Synchronous Buck Converter
With Power Good Detector & LDO
7F, No.9, Park Avenue II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
5/30/2006
REV:1.0
Email: service@aimtron.com.tw
10
The Dissipation
The power loss is given by:
IN
s
s
f
r
OUT
IN
N
ON
DS
OUT
P
ON
DS
OUT
DC
DC
LOSS
V
I
f
t
t
I
V
D
R
I
D
R
I
P
×
+
×
+
×
×
+
×
×
+
×
×
=
)
(
)
1
(
1
)
(
2
1
)
(
2
1
)
(
)
(
2
2
)
(
OUT
IN
OUT
LDO
LOSS
V
V
I
P
×
=
)
(
)
(
)
(
)
(
LDO
LOSS
DC
DC
LOSS
JA
A
MAX
J
P
P
T
T
+
×
+
=
θ
Inductors Surface Mount
Inductance(
µH)
Manufacturer/Part No.
Manufacturer Website
3.3
Sumida CDRH4D28-3R3
4.7
Sumida CDRH5D18-4R7
www.sumida.com
3.3
Mitsumi C3-K1.8L-3R3
Mitsumi C4-K1.8L-3R3
www.mitsumi.co.jp
3.3
ABC SH40283R3YSB
4.7
ABC SH40284R7YSB
www.atec-group.com
Capacitors Surface Mount
Capacitance(
µF)
Manufacturer/Part No.
Manufacturer Website
22
TDK C3216X5R0J226M
www.tdk.com
47
TDK C3225X5R0J46M
www.tdk.com
10
GRM42-6X5R 106K6.3
www.murata.com
2.2
TAIYO LMK212BJ225MD
www.t-yuden.com
4.7
TAIYO JMK212BJ475MG
www.t-yuden.com


Similar Part No. - AT1362AN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1362AN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1362C GMT-AT1362C Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1367A AIMTRON-AT1367A Datasheet
658Kb / 14P
   1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
   The Synchronous Buck Converter with 300mA LDO
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
logo
Global Mixed-mode Techn...
AT1358 GMT-AT1358 Datasheet
77Kb / 1P
   1MHz, 1A Synchronous Buck Converter with 500mA LDO
logo
Monolithic Power System...
NB670 MPS-NB670 Datasheet
705Kb / 19P
   24V, High Current Synchronous Buck Converter With LDO
NB669 MPS-NB669 Datasheet
827Kb / 19P
   24V, High Current Synchronous Buck Converter With LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com