Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1369AR Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1369AR
Description  2-Channel Synchronous Buck PWM Controller with Power Good Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1369AR Datasheet(HTML) 3 Page - Aimtron Technology

  AT1369AR Datasheet HTML 1Page - Aimtron Technology AT1369AR Datasheet HTML 2Page - Aimtron Technology AT1369AR Datasheet HTML 3Page - Aimtron Technology AT1369AR Datasheet HTML 4Page - Aimtron Technology AT1369AR Datasheet HTML 5Page - Aimtron Technology AT1369AR Datasheet HTML 6Page - Aimtron Technology AT1369AR Datasheet HTML 7Page - Aimtron Technology AT1369AR Datasheet HTML 8Page - Aimtron Technology AT1369AR Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AT1369
Preliminary Product Information
2-Channel Synchronous Buck PWM Controller
with Power Good Reset
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Absolute Maximum Ratings
Rated Value
Parameter
Condition
Min.
Max.
Unit
Power Supply Voltage
-
+8
V
Source Average Current of PDRV1,NDRV1
PDRV2,NDRV2
—-
-50
mA
Sink Average Current of PDRV1,NDRV1,
PDRV2,NDRV2
—-
50
mA
Source Peak Current of PDRV1,NDRV1,
PDRV2,NDRV2
-
-200
mA
Sink Peak Current of PDRV1,NDRV1,
PDRV2,NDRV2
—-
200
mA
Input Voltage to Error Amplifier
-
6.5
V
Continuous power dissipation
SSOP20(Ta=+25℃)
-560
mW
Operating temperature
-30
+85
0C
Storage temperature
-55
+125
0C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Recommended Operating Conditions
(Ta=+250C)
Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
V
CC
2.5
--
7
Control input voltage
V
CTL
0--7
V
Operating temperature
T
OP
-20
+25
+85
°C


Similar Part No. - AT1369AR

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1361X_GRE AIMTRON-AT1361X_GRE Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A AIMTRON-AT1362A Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1369AR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IR3629 IRF-IR3629 Datasheet
586Kb / 23P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com