Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1369BR Datasheet(PDF) 4 Page - Aimtron Technology

Part # AT1369BR
Description  2-Channel Synchronous Buck PWM Controller with Power Good Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1369BR Datasheet(HTML) 4 Page - Aimtron Technology

  AT1369BR Datasheet HTML 1Page - Aimtron Technology AT1369BR Datasheet HTML 2Page - Aimtron Technology AT1369BR Datasheet HTML 3Page - Aimtron Technology AT1369BR Datasheet HTML 4Page - Aimtron Technology AT1369BR Datasheet HTML 5Page - Aimtron Technology AT1369BR Datasheet HTML 6Page - Aimtron Technology AT1369BR Datasheet HTML 7Page - Aimtron Technology AT1369BR Datasheet HTML 8Page - Aimtron Technology AT1369BR Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT1369
Preliminary Product Information
2-Channel Synchronous Buck PWM Controller
with Power Good Reset
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
4
Electrical Characteristics
(VCC = 5V,Ta =+25℃ , unless otherwise noted. )
Values
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Input Supply Range
V
CC
2.5
--
7.0
V
Quiescent Current
I
CC
Duty=50%,
fOSC=600KHz
PDRV/NDRV No Load
1.5
2.0
mA
Current in standby mode
I
ST
CTL=0V
10
µA
Reference Voltage
V
REF
Ta =-20℃ to +85℃
1.20 1.22 1.24
V
Reference Voltage
line-regulation
V
REF-Line
VCC=2.5V to 7.0V
110
mV
Entire device
Rference Variation
with Temperature
Ta =-20℃ to +85℃
0.5
1.5
%
Input Offset Voltage
V
IO
10
mV
Source Current
I
OH
V
COMP = VREF -0.5V
-1.0
-1.5
-2.0
mA
Sink Current
I
OL
V
COMP = 0.5V
160
120
80
μ
A
Source current Variation
with temperature
Ta =-20℃ to +85℃
20
%
Sink current Variation
with temperature
Ta =-20℃ to +85℃
20
%
Unity Gain Bandwidth
f
T
10.0
MHz
Common Mode Input
Voltage Range
V
COM
0.2
1.5
V
Error amplifier
DC Open Loop Gain
A
V
110
dB
fosc
AT1369A
250
300
350 KHz
Frequency
fosc
AT1369B
500
600
700 KHz
High Level Voltage
1.0
V
Low Level Voltage
0.5
V
Variation with Power
Supply
Vcc=2.5V to 7V
2
%
Sawtooth wave
oscillator (OSC)
Variation with
temperature
Ta =-20℃ to +85℃
7%
Charge Current of
SS1,2
I
CSS1,2
-1.5
-1.0
-0.8
µA
Soft-Start
Invalid threshold
voltage of SS1,2
1.0
V
Charge Current of
SCP
I
CSCP
-1.7 -1.25 -1.0
µA
Short-Circuit
Threshold Voltage of
SCP
0.9
V


Similar Part No. - AT1369BR

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1361X_GRE AIMTRON-AT1361X_GRE Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A AIMTRON-AT1362A Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1369BR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
   1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IR3629 IRF-IR3629 Datasheet
586Kb / 23P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER WITH POWER GOOD OUTPUT
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com