Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1367CN Datasheet(PDF) 1 Page - Aimtron Technology

Part # AT1367CN
Description  1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1367CN Datasheet(HTML) 1 Page - Aimtron Technology

  AT1367CN Datasheet HTML 1Page - Aimtron Technology AT1367CN Datasheet HTML 2Page - Aimtron Technology AT1367CN Datasheet HTML 3Page - Aimtron Technology AT1367CN Datasheet HTML 4Page - Aimtron Technology AT1367CN Datasheet HTML 5Page - Aimtron Technology AT1367CN Datasheet HTML 6Page - Aimtron Technology AT1367CN Datasheet HTML 7Page - Aimtron Technology AT1367CN Datasheet HTML 8Page - Aimtron Technology AT1367CN Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AT1367A/B/C/D
Preliminary Product Information
1MHz, 800mA Synchronous Buck Converter
With Power Good Detector & LDO
7F, No.9, Park Avenue II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
3/2/2006
REV:1.2
Email: service@aimtron.com.tw
1
Features
• Operation Voltage 2.5V~6.0V
• Oscillation frequency 1MHz
• Output Current Maximum 800mA(DC-DC
Converter)
• Built-In 400mA/LDO
• Power Good Indicator with Time Delay
Adjustable
• Built-In Current Limit
• Built-In UVLO
• Built-In Thermal ShutDown
• Built-In LDO ON/OFF Control(Metal Option)
Applications
• Power Supply for Slim Type devices
General Description
The AT1367A/B/C/D provides complete
control for a DC/DC converter optimized for
hight-performance microprocessor applications. It
consists of a synchronous step-down DC/DC
converter and a high-speed LDO regulator
connected in series with the DC/DC converter
output. A power good detector and LDO ON/OFF
control is also built-in(metal option). DC/DC
converter is operated on current mode architecture
for excellent line and load transient response.
1MHz operation frequency is allowing the use of
small surface mount inductor and capacitor. The
internal synchronous switch increases efficiency
and eliminates the need for an external schottky
diode. The AT1367A/B/C/D is a family of
low-noise
synchronous
step-down
DC/DC
converters that is ideally suited for systems
powered form a 1-cell Li-ion battery or from a
3-cell to 4-cell NiCd, NiMH, or alkaline battery. It
can also be used to USB-based power system.
Block Diagram
Current
Sense
OSC
+
SLOPE
R
S
Q
SW
Vref
+
-
/PG
VCC
PGND
Shoot
Throught
PG
DELAY
OUT2
OUT1
+
-
Vref
Current
Limit
5
UVLO
VREG
Vref
-
+
Vref
R2
R1
UVLO
*OUT2=2.5V/1.8V
Metal Option
CTL
Control
LDO
CTL
CTL
Auto
Discharge
VCC
0.9 x
Vref
R4
R3
*CTL and /PG
Metal Option
0.35uA
R5
VBG
VBG
AGND
+
-
Aimtron reserves the right without notice to change this circuitry and specifications.


Similar Part No. - AT1367CN

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1361X_GRE AIMTRON-AT1361X_GRE Datasheet
204Kb / 15P
   1MHz,1A Synchronous Buck Converter
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A AIMTRON-AT1362A Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1367CN

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1362C GMT-AT1362C Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
Global Mixed-mode Techn...
AT1358 GMT-AT1358 Datasheet
77Kb / 1P
   1MHz, 1A Synchronous Buck Converter with 500mA LDO
logo
List of Unclassifed Man...
AT1366 ETC-AT1366 Datasheet
903Kb / 13P
   1MHZ 800MA SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UC3656_1111 UTC-UC3656_1111 Datasheet
266Kb / 7P
   1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
   1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com