Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1391P-GRE Datasheet(PDF) 5 Page - Aimtron Technology

Part # AT1391P-GRE
Description  1- Channel Step-Down PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1391P-GRE Datasheet(HTML) 5 Page - Aimtron Technology

  AT1391P-GRE Datasheet HTML 1Page - Aimtron Technology AT1391P-GRE Datasheet HTML 2Page - Aimtron Technology AT1391P-GRE Datasheet HTML 3Page - Aimtron Technology AT1391P-GRE Datasheet HTML 4Page - Aimtron Technology AT1391P-GRE Datasheet HTML 5Page - Aimtron Technology AT1391P-GRE Datasheet HTML 6Page - Aimtron Technology AT1391P-GRE Datasheet HTML 7Page - Aimtron Technology AT1391P-GRE Datasheet HTML 8Page - Aimtron Technology AT1391P-GRE Datasheet HTML 9Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AT1391
Preliminary Product Information
1-Channel Step-Down PWM Controller
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
3/15/2006 REV:1.1
Email:service@aimtron.com.tw
5
Output sink current
Isink
Duty
≤5% OUT=5V
65
100
mA
ROH
OUT=-15mA
18
30
Output Block
Output ON resistor
ROL
OUT=15mA
16
25
VIH
Active mode
2.0
VCC
V
CTL input voltage
VIL
Standby mode
0
0.5
V
Control Block
CTL input Current
ICTL
CTL=5.0V
20
µA
Application Circuit


Similar Part No. - AT1391P-GRE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P ETC1-AT1392P Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P-GRE ETC1-AT1392P-GRE Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
AT1393A AIMTRON-AT1393A Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
More results

Similar Description - AT1391P-GRE

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com