Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1452BP Datasheet(PDF) 3 Page - Aimtron Technology

Part # AT1452BP
Description  Photoflash Capacitor Charger for DSC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1452BP Datasheet(HTML) 3 Page - Aimtron Technology

  AT1452BP Datasheet HTML 1Page - Aimtron Technology AT1452BP Datasheet HTML 2Page - Aimtron Technology AT1452BP Datasheet HTML 3Page - Aimtron Technology AT1452BP Datasheet HTML 4Page - Aimtron Technology AT1452BP Datasheet HTML 5Page - Aimtron Technology AT1452BP Datasheet HTML 6Page - Aimtron Technology AT1452BP Datasheet HTML 7Page - Aimtron Technology AT1452BP Datasheet HTML 8Page - Aimtron Technology AT1452BP Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AT1452
Preliminary Product Information
Photoflash Capacitor Charger for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
3
Absolute Maximum Ratings
Rated Value
Parameter
Condition
Min.
Max.
Unit
Power Supply Voltage
-
+6.5
V
Source Average Current of OUT
-
-50
mA
Sink Average Current of OUT
-
50
mA
Input Voltage to Error Amplifier
-
6.5
V
TSSOP8(Ta=+25℃)
-450
mW
Continuous power dissipation
SOP8(Ta=+25℃)
-500
mW
Operating temperature
-30
+85
0C
Junction temperature
-
+125
0C
Storage temperature
-40
+150
0C
Lead temperature
-
+300
0C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Recommended Operating Conditions
(Ta=+250C)
Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
V
CC
2.5
--
5.5
Operating temperature
T
OP
-30
+25
+85
°C


Similar Part No. - AT1452BP

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1450S AIMTRON-AT1450S Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1450S-GREEN AIMTRON-AT1450S-GREEN Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
AT1453AP AIMTRON-AT1453AP Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
More results

Similar Description - AT1452BP

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
logo
Pulse A Technitrol Comp...
PA0367ANLT PULSE-PA0367ANLT Datasheet
94Kb / 2P
   SMT FLYBACK TRANSFORMER FOR PHOTOFLASH CAPACITOR CHARGER
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
logo
Allegro MicroSystems
A8426 ALLEGRO-A8426 Datasheet
443Kb / 16P
   High Performance Photoflash Capacitor Charger
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com