Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1454A Datasheet(PDF) 1 Page - Aimtron Technology

Part # AT1454A
Description  Photoflash Capacitor Charger for DSC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1454A Datasheet(HTML) 1 Page - Aimtron Technology

  AT1454A Datasheet HTML 1Page - Aimtron Technology AT1454A Datasheet HTML 2Page - Aimtron Technology AT1454A Datasheet HTML 3Page - Aimtron Technology AT1454A Datasheet HTML 4Page - Aimtron Technology AT1454A Datasheet HTML 5Page - Aimtron Technology AT1454A Datasheet HTML 6Page - Aimtron Technology AT1454A Datasheet HTML 7Page - Aimtron Technology AT1454A Datasheet HTML 8Page - Aimtron Technology AT1454A Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AT1454/AT1454A/AT1454B
Preliminary Product Information
Photoflash Capacitor Charger for DSC
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
3/24/2006 REV:1.2
Email: service@aimtron.com.tw
1
Feature
2.5V to 5.5V Supply Voltage Operating
Range.
Low Current Consumption:1mA in operation.
Adjustable Output Voltage.
Adjustable Switch On-Time.
Charge Complete Indicator.
Built-in IGBT Driver.
Soft-Start Circuitry.
Thermal Protection
Charges Any Size Photoflash Capacitor.
AT1454 with Auto-Refresh Function.
AT1454A/B without Auto-Refresh Function.
Small 10-lead MSOP Package.
Application
Digital / Film Camera Flash
PDA / Cell Phone Flash.
Description
The AT1454 series is a charger IC for Photoflash
capacitor with soft-start function, an IGBT driver
for igniting flash tube, adjustable output voltage
and adjustable switch on-time to perform energy
transition on each charge cycle. The output voltage
can be adjusted by simply changing the turn ratio
of transformer. AT1454B is sensed by voltage
divider connecting to the anode of the rectifying
diode. The voltage sensing path is cut off when
charging function to be completed to maintain
minimum output voltage decay.
The device allows user to control automatic refresh
rate on Charge pin. While the Ready pin signals
that the capacitor is fully charged.
AT1454/AT1454A/AT1454B
is
available
in
MSOP-10 package.
Block Diagram
Aimtron reserves the right without notice to change this circuitry and specifications.


Similar Part No. - AT1454A

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1450S AIMTRON-AT1450S Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1450S-GREEN AIMTRON-AT1450S-GREEN Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
   Photoflash Capacitor Charger for DSC
AT1452AP AIMTRON-AT1452AP Datasheet
604Kb / 17P
   Photoflash Capacitor Charger for DSC
More results

Similar Description - AT1454A

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
logo
Pulse A Technitrol Comp...
PA0367ANLT PULSE-PA0367ANLT Datasheet
94Kb / 2P
   SMT FLYBACK TRANSFORMER FOR PHOTOFLASH CAPACITOR CHARGER
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
logo
Allegro MicroSystems
A8426 ALLEGRO-A8426 Datasheet
443Kb / 16P
   High Performance Photoflash Capacitor Charger
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com