Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1393AF-PBF Datasheet(PDF) 1 Page - Aimtron Technology

Part # AT1393AF-PBF
Description  6-Channel DC-DC Converter IC for DSC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1393AF-PBF Datasheet(HTML) 1 Page - Aimtron Technology

  AT1393AF-PBF Datasheet HTML 1Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 2Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 3Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 4Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 5Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 6Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 7Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 8Page - Aimtron Technology AT1393AF-PBF Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AT1393/A/B/C
Preliminary Product Information
6-Channel DC-DC Converter IC for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
1
Features
• Low start-up power supply voltage :1.7V(CH6)
• Wide supply voltage range from 2.4V to 6.5V
(CH6); 3.6V to 6.5V(CH1~5)
• Up to 1MHz operating frequency
• Supports for down and up/down Zeta
synchronous rectification conversion(CH1)
• Supports for up and up/down SEPIC
synchronous rectification conversion(CH2, CH5)
• Supports for up, flyback and up/down SEPIC
conversion
AT1393/C: CH2,CH3, CH4 , CH5 and CH6
AT1393A/B:CH2,CH3,CH5 and CH6
• Supports for inverting conversion
AT1393A:CH4
• Synchronized rectification on CH1,CH2,CH5
• Power ON/OFF control function
• Built-in Soft-Start function
• Built-in Short-Circuit Protection circuit.
• LQFP 48 package
General Description
The AT1393 provides a complete power solution
for digital still and video cameras through the
integration of synchronous rectification topology ,
soft start function and short circuit detection
function. This IC is ideal for applications that use
either 2 or 3 alkaline or NIMH batteries as well as
those using a single Li-ion battery.
Applications
• Digital Cameras
• CCD Imaging Devices
• Camcorders
Pin Assignment
Ordering Information
Part Number
Package
Marking
AT1393F
LQFP48
AT1393F
AT1393F_PBF
LQFP48, PB-Free
AT1393F,date code with one bottom line
AT1393F_GRE
LQFP48,Green
AT1393F,date code with two bottom line
AT1393AF
LQFP48
AT1393AF
AT1393AF_PBF
LQFP48, PB-Free
AT1393AF,date code with one bottom line
AT1393AF_GRE
LQFP48,Green
AT1393AF,date code with two bottom line
Aimtron reserves the right without notice to change this circuitry and specifications.


Similar Part No. - AT1393AF-PBF

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P AIMTRON-AT1391P Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P-GRE AIMTRON-AT1391P-GRE Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P ETC1-AT1392P Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
More results

Similar Description - AT1393AF-PBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
   6-Channel DC-DC Controller for DSC
logo
Aimtron Technology
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
   4-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
   7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
   7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com