Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1512R Datasheet(PDF) 11 Page - Aimtron Technology

Part # AT1512R
Description  FET BIAS CONTROLLER AND TONE DETECTION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1512R Datasheet(HTML) 11 Page - Aimtron Technology

Back Button AT1512R Datasheet HTML 3Page - Aimtron Technology AT1512R Datasheet HTML 4Page - Aimtron Technology AT1512R Datasheet HTML 5Page - Aimtron Technology AT1512R Datasheet HTML 6Page - Aimtron Technology AT1512R Datasheet HTML 7Page - Aimtron Technology AT1512R Datasheet HTML 8Page - Aimtron Technology AT1512R Datasheet HTML 9Page - Aimtron Technology AT1512R Datasheet HTML 10Page - Aimtron Technology AT1512R Datasheet HTML 11Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AT1512
Preliminary product Information
FET BIAS CONTROLLER AND TONE DETECTION
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW:http://www.aimtron.com.tw
2005/10/19 REV:1.0
Email: service@aimtron.com.tw
11
Reflow Profiles
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Profile Feature
Large Body
Pkg. thickness
≥2.5mm or Pkg.
volume
≥350mm3
Small Body
Pkg. thickness
<2.5mm or Pkg.
volume <350mm
3
Large Body
Pkg. thickness
≥2.5mm or Pkg.
volume
≥350mm3
Small Body
Pkg. thickness
≥2.5mm or Pkg.
volume
≥350mm3
Average ramp-up rate
(TL to TP)
3
°C/second max.
3
°C/second max.
Preheat
-Temperature Min(Tsmin)
-Temperature Max (Tsmax)
-Time (min to max)(ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Tsmax to TL
-Ramp-up Rate
3
°C/second max.
Time maintained above:
-Temperature (TL)
-Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
225+0/-5
°C
240+0/-5
°C
245+0/-5
°C
250+0/-5
°C
Time within 5
°C of actual Peak
Temperature (tP)
10-30 seconds
10-30 seconds
10-30 seconds
20-40 seconds
Ramp-down Rate
6
°C/second max.
3
°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
*All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - AT1512R

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511R AIMTRON-AT1511R Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511R-GRE AIMTRON-AT1511R-GRE Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
More results

Similar Description - AT1512R

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com