Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1731AP Datasheet(PDF) 4 Page - Aimtron Technology

Part # AT1731AP
Description  DC-DC Power IC for TFT Panel
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1731AP Datasheet(HTML) 4 Page - Aimtron Technology

  AT1731AP Datasheet HTML 1Page - Aimtron Technology AT1731AP Datasheet HTML 2Page - Aimtron Technology AT1731AP Datasheet HTML 3Page - Aimtron Technology AT1731AP Datasheet HTML 4Page - Aimtron Technology AT1731AP Datasheet HTML 5Page - Aimtron Technology AT1731AP Datasheet HTML 6Page - Aimtron Technology AT1731AP Datasheet HTML 7Page - Aimtron Technology AT1731AP Datasheet HTML 8Page - Aimtron Technology AT1731AP Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AT1731A
Preliminary Product Information
DC-DC Power IC for TFT Panel
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/8/2006 REV:1.1
Email: service@aimtron.com.tw
4
Electrical Characteristics
(Vin=3.0V, SHDN=Vin, VDDP=VDDN=10V, Ta=+25℃, unless otherwise noted)
Parameter
Symbol
Test Condition
Min. Typ. Max Units
Input operating voltage
Vin
2.6
5.5
V
Input under-voltage threshold
VUVLO
Vin Rising
2.45
2.5
2.55
V
Vin UVLO hysteresis
120
mV
Vin Quiescent Current
Iin
VFB=VFBP=1.23V, VFBN= - 0.2V
1
1.5
mA
Vin Shutdown Current
ISHDN
SHDN=GND
1
10
uA
VDDP Quiescent Current
IVDDP
VFBP=1.5V
0.5
0.8
mA
VDDP Shutdown Current
SHDN=GND, VDDP=15V
1
10
uA
VDDN Quiescent Current
IVDDN
VFBN= - 0.2V
0.5
0.8
mA
VDDN Shutdown Current
SHDN=GND, VDDN=15V
1
10
uA
Main Step-Up Converter
Main Output Voltage Range
VMAIN
Vin
15
V
Feedback Regulation voltage
VFB
Ta=+25℃
1.21 1.23 1.24
V
FB Input Bias Current
IFB
VFB=1.23V
-50
50
nA
Operating Frequency
fOSC
Ta=+25℃
1.1
1.2
1.3
MHz
Oscillator Maximum Duty Cycle
80
85
90
%
Load Regulation
0 mA<ILX<300 mA
0.2
%
Line Regulation
2.6V < Vin < 5.5V
0.1
%/V
Trans-conductance
317
us
LX Switch On-Resistance
RLX-DS(ON
)
ILX=300mA
0.25
0.5
Ω
LX Leakage Current
ILX
VLX=15V
0.1
20
uA
LX Current Limit
ILIM
Vin=3.3V
2.0
2.2
2.5
A
Maximum RMS LX Current
1.87
A
Current
Iss
2
uA
Soft-Start
Reset switch
resistance
RSS
100
Ω
Short- circuit Capacitor charge
current
-
1.0
-
uA
Negative Charge-Pump
VDDN Input Supply Range
VDDN
Vin
15
V
Operating Frequency
fCHN
0.5 x fOSC
Hz
FBN Feedback Regulation
Voltage
VFBN
-50
0
+50
mV
FBN Input Bias Current
IFBN
VFBN=0V
-50
+50
nA
P-ch On-Resistance
RPCH-DS
(ON)
5
10
Ω
VFBN=+50mV
2
4
Ω
N-ch On-Resistance
RNCH-DS
(ON)
VFBN=-50mV
20
Maximum RMS SWN Current
50
mA
Positive Charge-Pump
VDDP Input Supply Range
VDDP
Vin
15
V
Operating Frequency
fCHP
0.5 x fOSC
Hz
FBP Feedback Regulation
Voltage
VFBP
1.21 1.23 1.24
V
FBP Input Bias Current
IFBP
VFBP=1.23V
-50
+50
nA
P-ch On-Resistance
RPCH-DS(
5
10
Ω


Similar Part No. - AT1731AP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
   2-Channel PWM Controller for LCD Bias
More results

Similar Description - AT1731AP

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
   Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Toshiba Semiconductor
TA8161F TOSHIBA-TA8161F Datasheet
333Kb / 8P
   DC/DC CONVERTER SYSTEM IC FOR POWER SUPPLY
logo
Rohm
BD8139EFV ROHM-BD8139EFV Datasheet
341Kb / 6P
   y-correction IC for TFT-LCD Panel
BD8138EFV ROHM-BD8138EFV Datasheet
338Kb / 6P
   y-correction IC for TFT-LCD Panel
logo
Sharp Corporation
IR3Y26A SHARP-IR3Y26A Datasheet
1,022Kb / 31P
   THE INTERFACE IC FOR TFT LCD PANEL
logo
Rohm
BD8132FV ROHM-BD8132FV Datasheet
347Kb / 6P
   y-correction IC for TFT-LCD Panel
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N_17 Datasheet
241Kb / 4P
   DC-DC Converter Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com