Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT5557N-GRE Datasheet(PDF) 4 Page - Aimtron Technology

Part # AT5557N-GRE
Description  Serial Input 6CH Motor Driver for DSC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT5557N-GRE Datasheet(HTML) 4 Page - Aimtron Technology

  AT5557N-GRE Datasheet HTML 1Page - Aimtron Technology AT5557N-GRE Datasheet HTML 2Page - Aimtron Technology AT5557N-GRE Datasheet HTML 3Page - Aimtron Technology AT5557N-GRE Datasheet HTML 4Page - Aimtron Technology AT5557N-GRE Datasheet HTML 5Page - Aimtron Technology AT5557N-GRE Datasheet HTML 6Page - Aimtron Technology AT5557N-GRE Datasheet HTML 7Page - Aimtron Technology AT5557N-GRE Datasheet HTML 8Page - Aimtron Technology AT5557N-GRE Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AT5557
Preliminary Product Information
Serial Input 6CH Motor Driver for DSC
7F, No.9, Park Avenue II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW:
http://www.aimtron.com.tw
2/15/2006
REV:1.0
Email:
service@aimtron.com.tw
4
Absolute Maximum Ratings
(Ta=+25°C)
Rated Value
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage VCC
VCC
-0.5
+6.0
V
Supply Voltage VM1, 2, 3, 4
VM1, 2, 3, 4
-0.5
+6.0
V
Control Input Voltage
VIN
-0.5
VCC
V
Power Dissipation
Pd
-
1100
mW
Instantaneous Output Current
Iout
-
800
mA
Operating Temperature
Topr
-20
+85
˚C
Junction Temperature
Tj
-
+150
˚C
Storage Temperature range
Tstg
-55
+150
˚C
Minimum ESD Rating (Human Body Model)
VESD
-
2
KV
1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
2. Device are ESD sensitive. Handling precaution recommended. The Human Body model is a 100pF
capacitor discharged through a 1.5K
Ω resistor into each pin.
Recommended Operating Conditions
(Ta=+25°C)
Values
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage VCC
VCC
+2.5
-
+5.5
Supply Voltage VM1, 2, 3, 4
VM1, 2, 3, 4
+1.9
-
+5.5
V
Control Input Voltage
VIN
0
-
VCC
V
H-Bridge Output Current
Iout
-400
+400
mA
Logic Input Frequency
Fin
0
100
kHz
Electrical Characteristics
(Ta =+25℃, VCC = 3.3V, VM=5.0, unless otherwise noted. )
Values
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Circuit Current
VCC Stand by Current
ICCST
RESET
-
1
5.0
µA
VM Stand by Current
IMST
RESET,
(VM1+VM2+VM3+VM4)
-
1
5.0
µA
ICC
-
0.6
2.0
mA
Circuit Current
IVM
PS=H; All input, PI1, PI2 open
-
0.6
2.0
mA
Power Save
H Level Input Voltage
VPSH
2.0
-
-
V
L Level Input Voltage
VPSL
-
-
0.8
V
H Level Input Current
IPSH
-
5
20
µA
L Level Input Current
IPSL
-1
0
-
µA
Pull-down Resistance
RIN
-
1.5
-
MΩ
Control Input PIN/Serial Input PIN
H Level Input voltage
VINH
2.0
-
-
V


Similar Part No. - AT5557N-GRE

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
AT5550M-GRE AIMTRON-AT5550M-GRE Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
AT5550N AIMTRON-AT5550N Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
AT5556F ETC-AT5556F Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
More results

Similar Description - AT5557N-GRE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2007 GMT-G2007 Datasheet
92Kb / 1P
   6CH serial input motor driver IC for DSC
G2009 GMT-G2009 Datasheet
91Kb / 1P
   42CH serial input motor driver IC for DSC
G2030 GMT-G2030 Datasheet
53Kb / 1P
   51CH serial input motor driver IC for DSC
G2012 GMT-G2012 Datasheet
68Kb / 1P
   42CH serial input motor driver IC for DSC
G2005 GMT-G2005 Datasheet
69Kb / 1P
   51CH serial input motor driver IC for DSC
G2001 GMT-G2001 Datasheet
95Kb / 1P
   61CH serial input motor driver IC for DSC
G2028 GMT-G2028 Datasheet
71Kb / 1P
   51CH serial input motor driver IC for DSC
G2018 GMT-G2018 Datasheet
105Kb / 1P
   51CH serial input motor driver IC for DSC
G2002 GMT-G2002 Datasheet
61Kb / 1P
   51CH serial input motor driver IC for DSC
G2008 GMT-G2008 Datasheet
51Kb / 1P
   42 CH serial input motor driver IC for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com