Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1A4108S089 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # RT1A4108S089
Description  RJ-45 MODULAR JACK FOR ETHERNET(10BASE-T, 1 PORT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RT1A4108S089 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  RT1A4108S089 Datasheet HTML 1Page - Delta Electronics, Inc. RT1A4108S089 Datasheet HTML 2Page - Delta Electronics, Inc. RT1A4108S089 Datasheet HTML 3Page - Delta Electronics, Inc. RT1A4108S089 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
COST SAVING
- REDUCE PCB SPACE
- SAVE INVENTORY AND ASSEMBLY COST
IMPROVE EMC PERFORMANCE
- REDUCE THE OVERALL LENGTH OF SIGNAL
PATH ON PCB AND LOWER NOISE LEVEL
MEET IEEE 802.3 STANDARDS AND FCC
MECHANICAL REQUIREMENTS
A: 10 BASE-T
B: NUMBER OF PORT
C: CIRCUIT TYPE
D: TURNS RATIO: TX/RX
E: OPEN CIRCUIT INDUCTANCE: (TX/RX)
A~..... (SEE CIRCUIT SCHEMATICS)
1=1:1 / 1:1
2=1:1.414 / 1:1
3=1:2 / 1:1
4=2:1 / 1:1
0=150uH MIN/150uH MIN
1=100uH 20%/100uH 20%
2=50uH MIN/200uH MIN
3=400uH MIN/100uH MIN
4=100uH MIN/200uH MIN
5=140uH MIN/25uH MIN
OPTIONAL GOLD PLATING
9=30u" ON CONTACT AREA
F: CONNECTOR OUTPUT PIN NUMBER
G: T=THROUGH HOLE
S=SURFACE MOUNT
H: CONNECTOR INPUT PIN NUMBER
I: CONTACT PLATING
J: MECHANICAL & CONSTRUCTIONS TYPES
(EX.) RT 1 A * * 08T089 *
AB C D E F G H I
ELECTRICAL CHARACTERISTICS @25 C
o
RT1A**08T089
0.35
0.3
12
1500
RT1A**08T089A
0.35
0.3
12
1500
RT1B**08T089
0.35
0.3
12
1500
RT1B**08T089A
0.35
0.3
12
1500
RT1C**08T089
0.35
0.3
12
1500
RT1C**08T089A
0.35
0.3
12
1500
RL1BA08T089C
0.35
0.3
12
1500
RL1CA08T089D
0.35
0.3
12
1500
Model
Primary DCR
LK
Cp
HI-POT TEST
TX/RX Max (Ohm)
Max (uH)
Max (pF)
(Vrms)
1PORT
RJ-45 MODULAR JACK FOR ETHERNET
252, SAN YING ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
J
Networking Components
10BASE-T
Http://www.delta.com/products/networking


Similar Part No. - RT1A4108S089

ManufacturerPart #DatasheetDescription
logo
Rohm
RT1A040ZP ROHM-RT1A040ZP Datasheet
224Kb / 6P
   1.5V Drive Pch MOSFET
RT1A045AP ROHM-RT1A045AP Datasheet
1Mb / 7P
   1.5V Drive Pch MOSFET
RT1A050ZP ROHM-RT1A050ZP Datasheet
220Kb / 6P
   1.5V Drive Pch MOSFET
RT1A060AP ROHM-RT1A060AP Datasheet
1Mb / 7P
   1.5V Drive Pch MOSFET
logo
Isahaya Electronics Cor...
RT1A3906-T112 ISAHAYA-RT1A3906-T112 Datasheet
117Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION
More results

Similar Description - RT1A4108S089

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
100BASE-TX DELTA-100BASE-TX Datasheet
186Kb / 5P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
List of Unclassifed Man...
RJS-12A08T109A ETC1-RJS-12A08T109A Datasheet
162Kb / 4P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
HFJ11-1041E ETC1-HFJ11-1041E Datasheet
133Kb / 3P
   Single Port 10BASE-T RJ-45 Connectors
HFJV1-2450RL ETC2-HFJV1-2450RL Datasheet
126Kb / 3P
   10BASE-T and 10/100BASE-TX Integrated Ethernet RJ-45 Connectors
logo
MPS Industries, Inc.
N5607 MPSIND-N5607 Datasheet
425Kb / 1P
   1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
logo
PCA ELECTRONICS INC.
EPJ9090-2-S23 PCA-EPJ9090-2-S23_15 Datasheet
50Kb / 1P
   Dual RJ-45 Filter Port Jack
logo
MPS Industries, Inc.
N5606 MPSIND-N5606 Datasheet
440Kb / 1P
   1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
PCA ELECTRONICS INC.
EPJ9372 PCA-EPJ9372 Datasheet
150Kb / 1P
   RJ Filter Port Jacks with 10Base-T Filters
EPJ9369 PCA-EPJ9369 Datasheet
156Kb / 1P
   RJ Filter Port Jacks with 10Base-T Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com