Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1A2308S089 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # RT1A2308S089
Description  RJ-45 MODULAR JACK FOR ETHERNET(10BASE-T, 1 PORT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

RT1A2308S089 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  RT1A2308S089 Datasheet HTML 1Page - Delta Electronics, Inc. RT1A2308S089 Datasheet HTML 2Page - Delta Electronics, Inc. RT1A2308S089 Datasheet HTML 3Page - Delta Electronics, Inc. RT1A2308S089 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MECHANICAL CONSTRUCTION
RT1A**08T089
RT1B**08T089
RT1C**08T089
1
(TYPE A/TYPE B)
PORT
RJ-45 MODULAR JACK FOR FAST ETHERNET
252, SAN YING ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
Http://www.delta.com/products/networking
A = 15.88 0.254 / 0.625 0.010
B = 21.60 0.254 / 0.850 0.010
C = 13.45 0.254 / 0.530 0.010
D = 3.50 0.254 / 0.138 0.010
F = 0.50 0.127 / 0.020 0.005
G = 0.35 0.127 / 0.014 0.005
E = 2.54 / 0.100 (TYP)
UNIT : mm / inch
I = 2.54 / 0.100 (TYP)
H = 8.89 / 0.350 (TYP)
J = 1.00 0.18 / 0.039 0.007
K = 0.90 / 0.035 (MAX)
15.63
1.27
RECOMMENDED P.C.B. LAYOUT
BOTTOM VIEW
11.43
2.54
1
0.635
2
8
3.25
1.60
0.90
2
1
8
1
8
A
F
E
H
J
J
J
Networking Components
1.27
11.43
2.54
1
0.635
2
8
1
8
F
E
1
2
H
8
A
7
3.25
0.90
RECOMMENDED P.C.B. LAYOUT
BOTTOM VIEW
A = 15.38 0.254 / 0.606 0.010
B = 21.10 0.254 / 0.833 0.010
C = 13.20 0.254 / 0.520 0.010
D = 3.25 0.254 / 0.128 0.010
F = 0.50 0.127 / 0.020 0.005
G = 0.35 0.127 / 0.014 0.005
E = 2.54 / 0.100 (TYP)
UNIT : mm / inch
I = 2.54 / 0.100 (TYP)
H = 8.89 / 0.350 (TYP)
J = 1.00 0.18 / 0.039 0.007
K = 0.90 / 0.035 (MAX)
RT1A**08T089
RT1B**08T089
RT1C**08T089
A
A
A
10BASE-T


Similar Part No. - RT1A2308S089

ManufacturerPart #DatasheetDescription
logo
Rohm
RT1A040ZP ROHM-RT1A040ZP Datasheet
224Kb / 6P
   1.5V Drive Pch MOSFET
RT1A045AP ROHM-RT1A045AP Datasheet
1Mb / 7P
   1.5V Drive Pch MOSFET
RT1A050ZP ROHM-RT1A050ZP Datasheet
220Kb / 6P
   1.5V Drive Pch MOSFET
RT1A060AP ROHM-RT1A060AP Datasheet
1Mb / 7P
   1.5V Drive Pch MOSFET
logo
Isahaya Electronics Cor...
RT1A3906-T112 ISAHAYA-RT1A3906-T112 Datasheet
117Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION
More results

Similar Description - RT1A2308S089

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
100BASE-TX DELTA-100BASE-TX Datasheet
186Kb / 5P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
List of Unclassifed Man...
RJS-12A08T109A ETC1-RJS-12A08T109A Datasheet
162Kb / 4P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
HFJ11-1041E ETC1-HFJ11-1041E Datasheet
133Kb / 3P
   Single Port 10BASE-T RJ-45 Connectors
HFJV1-2450RL ETC2-HFJV1-2450RL Datasheet
126Kb / 3P
   10BASE-T and 10/100BASE-TX Integrated Ethernet RJ-45 Connectors
logo
MPS Industries, Inc.
N5607 MPSIND-N5607 Datasheet
425Kb / 1P
   1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
logo
PCA ELECTRONICS INC.
EPJ9090-2-S23 PCA-EPJ9090-2-S23_15 Datasheet
50Kb / 1P
   Dual RJ-45 Filter Port Jack
logo
MPS Industries, Inc.
N5606 MPSIND-N5606 Datasheet
440Kb / 1P
   1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
PCA ELECTRONICS INC.
EPJ9372 PCA-EPJ9372 Datasheet
150Kb / 1P
   RJ Filter Port Jacks with 10Base-T Filters
EPJ9369 PCA-EPJ9369 Datasheet
156Kb / 1P
   RJ Filter Port Jacks with 10Base-T Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com