Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M30 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 2M30
Description  Camera Link Areascan Cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M30 Datasheet(HTML) 5 Page - ATMEL Corporation

  2M30 Datasheet HTML 1Page - ATMEL Corporation 2M30 Datasheet HTML 2Page - ATMEL Corporation 2M30 Datasheet HTML 3Page - ATMEL Corporation 2M30 Datasheet HTML 4Page - ATMEL Corporation 2M30 Datasheet HTML 5Page - ATMEL Corporation 2M30 Datasheet HTML 6Page - ATMEL Corporation 2M30 Datasheet HTML 7Page - ATMEL Corporation 2M30 Datasheet HTML 8Page - ATMEL Corporation 2M30 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
5440A–IMAGE–10/05
[Preliminary] ATMOS -2M60/2M30
3.
Camera Description
Figure 3-1.
Camera Synoptic
The camera is based on a single tap CMOS sensor which delivers a 12-bit digital video signal at
its output. An FPGA has been implemented for image processing (FPN column correction, con-
version LUT, contrast expansion). The camera is powered by a single DC power supply from
12V to 24V. The functional interface (data and control) is provided with the Camera Link inter-
face. The camera uses the base configuration of the Camera Link standard.
Note:
DVAL permanently tied to 1 (high) level.
Data is delivered on two channels. The data format configuration might be in 12-bit, 10-bit, or 8-
bit. It is possible to use external triggers with the camera (CC1 signal or TTL_IO trigger input) in
different trigger modes see ”Synchronization Modes” on page 6 The camera configuration and
settings are done via the Camera Link serial communication. This interface is used for:
• Gain and offset setting
• Data output format
• Synchronization modes: free-run or external trigger modes
• Shutter time
• Test pattern generation
• Upload and download of correction data (FPN column correction, LUT)
CMOS
SENSOR
Microcontroller
CameraLink
Transceiver
TX
RX
Power Supplies
DC power
Camera Link
I/F
Sequencer
Controller
Data
Serial Line
Trigger
Strobe, LVAL
Shutter
FVAL
Trigger
Shutter


Similar Part No. - 2M30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M30Z TSC-2M30Z Datasheet
320Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M30Z TSC-2M30Z Datasheet
629Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M30Z TSC-2M30Z Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M30Z LUGUANG-2M30Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M30Z LUGUANG-2M30Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results

Similar Description - 2M30

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1M60 ATMEL-1M60 Datasheet
375Kb / 26P
   CameraLink Areascan Cameras
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
   Dual-Channel Camera Link Image Acquisition
PCIE-1429 NI-PCIE-1429 Datasheet
369Kb / 3P
   Full-Configuration Camera Link Image Acquisition
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
[Old version datasheet]   Quad 2MP Camera Hub FPD-Link III Deserializer
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
   Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
Sangdest Microelectroni...
SMP3030-01ETG SMC-SMP3030-01ETG Datasheet
283Kb / 5P
   Digital Cameras
logo
OmniVision Technologies...
OV4689 OMNIVISION-OV4689 Datasheet
1Mb / 2P
   IP Cameras
logo
Laird Tech Smart Techno...
ET20 LSTD-ET20 Datasheet
562Kb / 2P
   CCD cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com