Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI2DL32256V Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI2DL32256V
Description  256Kx32 Synchronous Pipline Burst SRAM 3.3V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2DL32256V Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI2DL32256V Datasheet HTML 1Page - White Electronic Designs Corporation EDI2DL32256V Datasheet HTML 2Page - White Electronic Designs Corporation EDI2DL32256V Datasheet HTML 3Page - White Electronic Designs Corporation EDI2DL32256V Datasheet HTML 4Page - White Electronic Designs Corporation EDI2DL32256V Datasheet HTML 5Page - White Electronic Designs Corporation EDI2DL32256V Datasheet HTML 6Page - White Electronic Designs Corporation EDI2DL32256V Datasheet HTML 7Page - White Electronic Designs Corporation EDI2DL32256V Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
November 2000, Rev. 1
ECO #13417
EDI2DL32256V
DESCRIPTION
The EDI2DL32256VxxBC is a 3.3V, 256Kx32 Synchronous Pipeline
Burst SRAM constructed with two 256Kx16 die mounted on a
multi-layer laminate substrate. The device is packaged in a 119
lead, 14mm by 22mm, BGA. It is available with clock speeds of166,
150 and 133 MHz. The device is a Pipeline Burst SRAM, allowing
the user to develop a fast external memory for Texas Instruments’
“C6x”. In Burst Mode data from the first memory location is
available in three clock cycles, while the subsequent data is
available in one clock cycle (3/1/1/1). Subsequent burst ad-
dresses are generated by the TMS320C6x DSP. Individual address
locations can also be read, allowing one memory access in 3 clock
cycles. All synchronous inputs are gated by registers controlled by
a positive-edge-triggered clock input (CLK). The synchronous in-
puts include all addresses, all data inputs, chip enable (CE\), burst
control input (ADSC\), byte write enables (BW0\ to BW3\) and
Write Enable (BWE\).
Asynchronous inputs include the output enable (OE\), burst mode
control (MODE), and sleep mode control (ZZ). The data outputs
(DQ), enabled by OE\, are also asynchronous.
Address lines and the chip enable are registered with the address
status controller (ADSC\) input pin.
256Kx32 Synchronous Pipline Burst SRAM 3.3V
FEATURES
s tKHQV times of 3.5, 3.8 and 4.0ns
s 166, 150 and 133 MHz clock speed
s DSP Memory Solution
• Texas Instruments’ TMS320C6201
• Texas Instruments’ TMS320C67x
s Package:
• 119 pin BGA, JEDEC MO-163
s 3.3V Operating Supply Voltage
s 3.5ns Output Enable access time
s Single Write Control and Output Enable Lines
s Single Chip Enable Line
s 56% space savings vs. monolithic TQFPs
s Multiple VCC and VSS pins
s Reduced inductance and capacitance
BLOCK DIAGRAM
FIG. 1
12
3
4
5
6
7
A
VDD
AA
NC
A
A
VDD
A
B
NC
NC
A
ADSC\
A
A
NC
B
C
NC
A
A
VDD
AA
NC
C
D
DQ16
NC
VSS
NC
VSS
NC
DQ8
D
E
DQ18
DQ17
VSS
CE\
VSS
DQ9
DQ10
E
F
VDD
DQ19
VSS
OE\
VSS
DQ11
VDD
F
G
DQ21
DQ20
BE2\NC
BE1\DQ12
DQ13
G
H
DQ23
DQ22
VSS
NC
VSS
DQ14
DQ15
H
J
VDD
VDD
NC
VDD
NC
VDD
VDD
J
K
DQ31
DQ30
VSS
CLK
VSS
DQ6
DQ7
K
L
DQ29
DQ28
BE3\NC
BE0\DQ4
DQ5
L
M
VDD
DQ27
VSS
BWE\
VSS
DQ3
VDD
M
N
DQ26
DQ25
VSS
A1
VSS
DQ1
DQ2
N
P
DQ24
NC
VSS
A0
VSS
NC
DQ0
P
R
NC
A
MODE
VDD
NC
A
NC
R
T
NC
NC
A
A
A
NC
ZZ
T
U
VDD
NC
NC
NC
NC
NC
VDD
U
1
2345
6
7
PIN CONFIGURATION
A0-17
CLK
ADSC\
OE\
BWE\
CE\
MODE
ZZ
BE0\
BE1\
BE2\
BE3\
256K X 16
SSRAM
256K X 16
SSRAM
DQ0-7
DQ8-15
DQ16-23
DQ24-31


Similar Part No. - EDI2DL32256V

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI2DL32256V

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com