Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG198 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG198
Description  NPN 8 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG198 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG198 Datasheet HTML 1Page - NXP Semiconductors BFG198 Datasheet HTML 2Page - NXP Semiconductors BFG198 Datasheet HTML 3Page - NXP Semiconductors BFG198 Datasheet HTML 4Page - NXP Semiconductors BFG198 Datasheet HTML 5Page - NXP Semiconductors BFG198 Datasheet HTML 6Page - NXP Semiconductors BFG198 Datasheet HTML 7Page - NXP Semiconductors BFG198 Datasheet HTML 8Page - NXP Semiconductors BFG198 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1995 Sep 12
5
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistor
BFG198
Fig.3 Intermodulation distortion and second order intermodulation distortion printed-circuit board.
handbook, full pagewidth
MEA968
75
input
75
output
C7
C8
C6
L6
VCC
VBB
R1
C4
C2
C1
L2
L5
R3
R2
R4
C5
L3
L4
L1
C3
handbook, full pagewidth
MEA966
60 mm
80 mm
handbook, full pagewidth
MEA967
80 mm
60 mm
mounting
screws
M 2.5 (8x)


Similar Part No. - BFG198

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG198 NXP-BFG198 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFG198 JMNIC-BFG198_15 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
BFG198_2015 JMNIC-BFG198_2015 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
More results

Similar Description - BFG198

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
   NPN 8 GHz wideband transistor
November 1992
BFQ67T PHILIPS-BFQ67T Datasheet
92Kb / 12P
   NPN 8 GHz wideband transistor
2000 Mar 06
BFQ67W PHILIPS-BFQ67W Datasheet
101Kb / 10P
   NPN 8 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFQ67_2015 JMNIC-BFQ67_2015 Datasheet
91Kb / 12P
   NPN 8 GHz wideband transistor
BFG198 JMNIC-BFG198_15 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
logo
NXP Semiconductors
BFQ67 PHILIPS-BFQ67 Datasheet
103Kb / 12P
   NPN 8 GHz wideband transistor
1998 Aug 27
logo
Quanzhou Jinmei Electro...
BFQ67W JMNIC-BFQ67W_15 Datasheet
85Kb / 10P
   NPN 8 GHz wideband transistor
logo
NXP Semiconductors
BFG67W PHILIPS-BFG67W Datasheet
102Kb / 16P
   NPN 8 GHz wideband transistor
August 1995
logo
Quanzhou Jinmei Electro...
BFG198_2015 JMNIC-BFG198_2015 Datasheet
83Kb / 12P
   NPN 8 GHz wideband transistor
BFQ67 JMNIC-BFQ67_15 Datasheet
91Kb / 12P
   NPN 8 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com