Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI7F34IMC-BNC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EDI7F34IMC-BNC
Description  1Megx32 Flash Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EDI7F34IMC-BNC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EDI7F34IMC-BNC Datasheet HTML 1Page - List of Unclassifed Manufacturers EDI7F34IMC-BNC Datasheet HTML 2Page - List of Unclassifed Manufacturers EDI7F34IMC-BNC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
EDI7F34IMC Rev. 1 5/97 ECO #9016
EDI7F34IMC
1Megx32
Pin
Pin
Pin
Pin
Pin
Pin
Pin
Pin
#
Name
#
Name #
Name #
Name
1
VSS
21
*
41
A11
61
DQ9
2
VCC
22
*
42
A10
62
DQ8
3
NC
23
*
43
A9
63
DQ7
4
G\
24
*
44
A8
64
DQ6
5
W0\
25
VSS
45
A7
65
DQ5
6
W1\
26
DQ29 461
A6
66
DQ4
7
NC
27
DQ30 47
A5
67
DQ3
8
DQ16
28
DQ31 48
A4
68
DQ2
9
DQ17
29
W2\
49
A3
69
DQ1
10
DQ18
30
NC
50
A2
70
DQ0
11
DQ19
31
NC
51
A1
71
NC
12
DQ20
32
NC
52
AO
72 VCC
13
DQ21
33
A19
53
W3\
73
PD1
14
DQ22
34
A18
54
VSS
74
PD2
15
DQ23
35
A17
55 DQ15 75
PD3
16
DQ24
36
A16
56 DQ14 76
PD4
17
DQ25
37
A15
57 DQ13 77
PD5
18
DQ26
38
A14
58 DQ12 78
PD6
19
DQ27
39
A13
59 DQ11 79
PD7
20
DQ28
40
A12
60 DQ10 80
VSS
Pin Configurations
A0-A19
Address input
E0\,E1\
Chip Enable
W0\-W3\
Write Enable
G\
Output Enable
DQ0-DQ31
Data Input/Output
PD
Presence Detect
VCC
Power 5V
±10%
VSS
Ground
NC
No Connect
Capacitance
Presence Detect Pin Out
Pin
1Meg
2x1Meg
PD1
NC
VSS
PD2
VSS
VSS
PD3
NC
NC
PD4
VSS
VSS
Simm Density
Pin
1Meg
2x1Meg
21
NC
NC
22
NC
NC
23
NC
E1\
24
E0\
E0\
(f=1.0MHz, VIN = VCC or VSS)
1Meg
2x1Meg
Parameter
Sym
Max
Max
Unit
Address Lines
CA
35
70
pF
Data lines
CDQ
15
30
pF
Chip & Write
CC
15
30
pF
Enable Lines
Output Enable lines CG
35
70
pF


Similar Part No. - EDI7F34IMC-BNC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC100BNC WEDC-EDI7F341MC100BNC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC120BNC WEDC-EDI7F341MC120BNC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC150BNC WEDC-EDI7F341MC150BNC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC90BNC WEDC-EDI7F341MC90BNC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
More results

Similar Description - EDI7F34IMC-BNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDI7F33IMC ETC1-EDI7F33IMC Datasheet
40Kb / 3P
   1Megx32 Flash Module
logo
Zilog, Inc.
EZ80F920020MOD ZILOG-EZ80F920020MOD Datasheet
252Kb / 4P
   Flash Module
logo
White Electronic Design...
EDI7F342MV WEDC-EDI7F342MV Datasheet
305Kb / 3P
   2Mx32 FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
EDI7F4342MC WEDC-EDI7F4342MC Datasheet
226Kb / 4P
   4x2Mx32 FLASH MODULE
WED7F324XE3SN WEDC-WED7F324XE3SN Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
EDI7F4331MC WEDC-EDI7F4331MC Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
EDI7F342MC WEDC-EDI7F342MC Datasheet
306Kb / 3P
   2Mx32 FLASH MODULE
EDI7F4341MV WEDC-EDI7F4341MV Datasheet
310Kb / 3P
   4x1Mx32 FLASH MODULE
EDI7F4331MV WEDC-EDI7F4331MV Datasheet
228Kb / 4P
   4x1Mx32 FLASH MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com