Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI2DL32256V40BC Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI2DL32256V40BC
Description  256Kx32 Synchronous Pipline Burst SRAM 3.3V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI2DL32256V40BC Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI2DL32256V40BC Datasheet HTML 1Page - White Electronic Designs Corporation EDI2DL32256V40BC Datasheet HTML 2Page - White Electronic Designs Corporation EDI2DL32256V40BC Datasheet HTML 3Page - White Electronic Designs Corporation EDI2DL32256V40BC Datasheet HTML 4Page - White Electronic Designs Corporation EDI2DL32256V40BC Datasheet HTML 5Page - White Electronic Designs Corporation EDI2DL32256V40BC Datasheet HTML 6Page - White Electronic Designs Corporation EDI2DL32256V40BC Datasheet HTML 7Page - White Electronic Designs Corporation EDI2DL32256V40BC Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
November 2000, Rev. 1
ECO #13417
EDI2DL32256V
RECOMMENDED OPERATING CONDITIONS
Description
Symbol
Min
Max
Unit
Input High Voltage
VIH
2
Vcc+0.3
V
Input Low Voltage
VIL
-0.3
0.7
V
Supply Voltage
Vcc
3.135
3.465
V
CAPACITANCE
(f = 1MHz, VIN = VCC or VSS)
Voltage on Vcc Supply Relative to Vss
-0.5V to 4.6V
VIN
-0.5V to Vcc+0.5V
Storage Temperature
-55
°C to +110°C
Junction Temperature
+110
°C
Power Dissipation
3 Watts
Short Circuit Output Current (per I/O)
20 mA
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those indi-
cated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Max
Unit
Address Lines
CA
TBD
pF
Data Lines
CD/Q
TBD
pF
Control Lines
CC
TBD
pF
ABSOLUTE MAXIMUM RATINGS*
DC ELECTRICAL CHARACTERISTICS
(f = 1MHz, VIN = VCC or Vss)
Parameter
Symbol
Conditions
Min
Max
Units
Power Supply Current: Operating
ICC1
Device Selected; all inputs
≤ VIL or ≥ VIH;
850
mA
cycle time
≥ tKC MIN; VCC = MAX; outputs open
Device deselected; VCC = MAX; all inputs
CMOS Standby
ISB2
VSS +0.2 or
≥ VCC -0.2; all inputs static;
20
mA
CLK frequency = 0
TTL Standby
ISB3
Device deselected; all inputs
≤ VIL or ≥ VIH;
40
mA
all inputs static; VCC = MAX; CLK frequency = 0
TTL Standby
ISB4
Device deselected; all inputs
≤ VIL or ≥ VIH;
40
mA
VCC = MAX; CLK cycle time
≥ tCK MIN
Input Leakage Current
ILI
0V < VIN < VCC
-2
2
µA
Output Leakage Current
ILO
Output(s) disabled, 0V
≤ VOUT ≤ VCC
-2
2
µA
Output High Voltage
VOH
IOH = -2.0mA
2.4
V
Output Low Voltage
VOL
IOL = 2.0mA
0.7
V
AC TEST CIRCUIT
AC TEST CONDITIONS
50
Vt = 1.5V
Output
Z0 = 50
Z0 = 50
Parameter
I/O
Unit
Input Pulse Levels
VSS to 2.5
V
Input Rise and Fall Times (max)
1.8
ns
Input and Output Timing Levels
1.25
V
Output Load
See figure, at left
AC Output Load Equivalent
1.25V
PARTIAL TRUTH TABLE
Function
BWE\
BE0\
BE1\
BE2\
BE\3
READ
H
X
X
X
X
WRITE one Byte (DQ0-7)L
L
H
H
H
WRITE all Bytes
L
L
L
L
L


Similar Part No. - EDI2DL32256V40BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V10D1 WEDC-EDI2AG272128V10D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V12D1 WEDC-EDI2AG272128V12D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V85D1 WEDC-EDI2AG272128V85D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272128V9D1 WEDC-EDI2AG272128V9D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
More results

Similar Description - EDI2DL32256V40BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com