Electronic Components Datasheet Search |
|
BD09 Datasheet(PDF) 2 Page - ITT Industries |
|
BD09 Datasheet(HTML) 2 Page - ITT Industries |
2 / 2 page Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change www.ittcannon.com I-13 I 8 7 6 4 3 2 1 ON 0.050 (1,27) .090 (2,29) 0.061 TYP. (1,55) 0.026 (0,66) 0.300 (7,62) .100 (2,54) .020 TYP. (0,51) .100 TYP. (2,54) .010 (0,25) .007 (0,18) DIM.A .380 (9,65) .046 DIA TYP. (1,17ø) .100 (2,54) .100 TYP. (2,54) 5 .320 (8,13) .125 (3,18) 8 7 6 4 3 2 1 ON 0.050 (1,27) .090 (2,29) 0.061 TYP. (1,55) 0.026 (0,66) 0.300 (7,62) .020 TYP. (0,51) .100 TYP. (2,54) DIM.A .380 (9,65) 0.046 DIA TYP. (1,17ø) 0.100 (2,54) 0.100 TYP. (2,54) 5 .280 (7,11) .100 (2,54) .115 (2,92) .010 (0,25) .007 (0,18) QUANTITY PART NUMBER NO.POS. DIM. ‘A’ PER TUBE BD02AV 2 .280 (7,11) 72 BD03AV 3 .380 (9,65) 52 BD04AV 4 .480 (12,19) 42 BD05AV 5 .580 (14,73) 35 BD06AV 6 .680 (17,27) 29 BD07AV 7 .780 (19,81) 26 BD08AV 8 .880 (22,35) 23 BD09AV 9 .980 (24,89) 20 BD10AV 10 1.080 (27,43) 18 BD12AV 12 1.280 (32,51) 15 Schematic SPST QUANTITY PART NUMBER NO.POS. DIM. ‘A’ PER TUBE BD02AV2 2 .280 (7,11) 72 BD03AV2 3 .380 (9,65) 52 BD04AV2 4 .480 (12,19) 42 BD05AV2 5 .580 (14,73) 35 BD06AV2 6 .680 (17,27) 29 BD07AV2 7 .780 (19,81) 26 BD08AV2 8 .880 (22,35) 23 BD09AV2 9 .980 (24,89) 20 BD10AV2 10 1.080 (27,43) 18 BD12AV2 12 1.280 (32,51) 15 Schematic SPST C&K BD Series Standard Profile DIP Switches Open Base and AV Right Angle Terminal Style Open Base and AV2 Right Angle Terminal Style Installation, Soldering and Cleaning All BD Series Standard Profile DIP Switches can be hand soldered or machine soldered without the use of boot, caps, tapes or special attention. Open base washable models have unique design, allowing solvent cleaners and water/detergent solutions to flush and clean the electrical contacts of the contaminants and fluxes. For best results, follow these directions: 1) Wave soldering recommended at 500° F solder temperature. 2) Hand solder using 30 watt small tip iron controlled at 500° F, 10 seconds max./terminal. 3) Open base washable models: Clean flux using forced rinse, high agitation or triple bath cleaning method. DO NOT mask or cover switch in any way during cleaning. Switch is designed for easy solvent flush out. 4) All switch actuators must be in ‘OFF’ position during soldering and cleaning processes. 5) Closed base models with epoxy terminal seal available in even positions, consult factory for details. NOTE: Box dimensions show difference between AV and AV2 terminal styles. NOTE: Box dimensions show difference between AV and AV2 terminal styles. BD08AV BD08AV2 |
Similar Part No. - BD09 |
|
Similar Description - BD09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |